Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7162 Datasheet (PDF) - Analog Devices

ADV7162 Datasheet PDF - Analog Devices
Part # ADV7162
Download  ADV7162 Download

File Size   668.45 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 96-Bit, 220 MHz True-Color Video RAM-DAC

ADV7162 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADV7162 Datasheet PDF - Analog Devices

Part # ADV7162
Download  ADV7162 Click to download

File Size   668.45 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 96-Bit, 220 MHz True-Color Video RAM-DAC

ADV7162 Datasheet (HTML) - Analog Devices

Back Button ADV7162 Datasheet HTML 1Page - Analog Devices ADV7162 Datasheet HTML 2Page - Analog Devices ADV7162 Datasheet HTML 3Page - Analog Devices ADV7162 Datasheet HTML 4Page - Analog Devices ADV7162 Datasheet HTML 5Page - Analog Devices ADV7162 Datasheet HTML 6Page - Analog Devices ADV7162 Datasheet HTML 7Page - Analog Devices ADV7162 Datasheet HTML 8Page - Analog Devices ADV7162 Datasheet HTML 9Page - Analog Devices ADV7162 Datasheet HTML 10Page - Analog Devices Next Button 

ADV7162 Product details

GENERAL DESCRIPTION
The ADV7160/ADV7162® is a 96-bit pixel port Video RAM-DAC with color enhanced triple 10-bit DACs. The device also includes a PLL and 64 × 64 hardware cursor. The ADV7160/ADV7162 is specifically designed for use in the graphics subsystem of high performance, color graphics workstations and windows accelerators.

FEATURES
    96-Bit Pixel Port for 1600 × 1280 × 24 Screen Resolution
    220 MHz, 24-Bit (30-Bit Gamma Corrected) True-Color
    Triple 10-Bit “Gamma Correcting” D/A Converters
    2% (max) DAC to DAC Color Matching
    Triple 256 × 10 (256 x 30) Color Palette RAM
    On-Board User Definable Cursor (64 × 64 × 2)
    Three Color Overlay
    Cursor Palette RAM
    Fully Programmable On-Board PLL
    RS-343A/RS-170 Compatible RGB Analog Outputs
    Tri-Level SYNC Functionality
    TTL Compatible Digital Inputs
    Standard MPU I/O Interface
    Programmable Pixel Port: 24-Bit, 16-Bit, 15-Bit & 8-Bit (Pseudo)
    Pixel Data Serializer: Multiplexed Pixel Input Ports; 2:1, 4:1, 8:1
    +5 V CMOS Monolithic Construction
    160-Lead Plastic Quad Flatpack (QFP): ADV7162
    160-Lead “Thermally Enhanced” QFP (PQUAD): ADV7160
    MODES OF OPERATION
        1600 × 1200 × 30/24-Bit Resolution @ 85 Hz Screen Refresh
        1600 × 1200 × 16/15-Bit Resolution @ 85 Hz Screen Refresh
        1600 × 1200 × 8-Bit Resolution @ 85 Hz Screen Refresh

APPLICATIONS
    Windows Accelerators
    High Resolution, True Color Graphics
    Professional Color Prepress Imaging
    Digital TV (HDTV, Digital Video)

SPEED GRADES
    @ 220 MHz
    @ 170 MHz
    @ 140 MHz




Similar Part No. - ADV7162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
More results


Similar Description - ADV7162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7160 AD-ADV7160_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7162 AD-ADV7162_15 Datasheet
669Kb / 44P
   96-Bit, 220 MHz True-Color Video RAM-DAC
REV. 0
ADV7152 AD-ADV7152_15 Datasheet
335Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV7150 AD-ADV7150 Datasheet
447Kb / 36P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7152 AD-ADV7152 Datasheet
454Kb / 32P
   CMOS 220 MHz True-Color Graphics Triple 10-Bit Video RAM-DAC
REV. B
ADV473 AD-ADV473 Datasheet
200Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV473 AD-ADV473_15 Datasheet
204Kb / 12P
   CMOS 135 MHz True-Color Graphics Triple 8-Bit Video RAM-DAC
REV. A
ADV7151 AD-ADV7151_15 Datasheet
1Mb / 32P
   CMOS 220 MHZ PSEUDO COLOR GRAPHICS TRIPLE 10 BIT VIDEO RAM DAC
REV. A
ADV7151 AD-ADV7151 Datasheet
1Mb / 32P
   CMOS 220 MHz Pseudo-Color Graphics Triple 10-Bit Video RAM-DAC
REV. A
ADV7129 AD-ADV7129_15 Datasheet
392Kb / 20P
   192-Bit, 360 MHz True-Color Video DAC with Onboard PLL
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com