Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMP01BX Datasheet (PDF) - Analog Devices

AMP01BX Datasheet PDF - Analog Devices
Part # AMP01BX
Download  AMP01BX Download

File Size   244.38 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision Instrumentation Amplifier

AMP01BX Datasheet (PDF)

Go To PDF Page Download Datasheet
AMP01BX Datasheet PDF - Analog Devices

Part # AMP01BX
Download  AMP01BX Click to download

File Size   244.38 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Precision Instrumentation Amplifier

AMP01BX Datasheet (HTML) - Analog Devices

Back Button AMP01BX Datasheet HTML 1Page - Analog Devices AMP01BX Datasheet HTML 2Page - Analog Devices AMP01BX Datasheet HTML 3Page - Analog Devices AMP01BX Datasheet HTML 4Page - Analog Devices AMP01BX Datasheet HTML 5Page - Analog Devices AMP01BX Datasheet HTML 6Page - Analog Devices AMP01BX Datasheet HTML 7Page - Analog Devices AMP01BX Datasheet HTML 8Page - Analog Devices AMP01BX Datasheet HTML 9Page - Analog Devices AMP01BX Datasheet HTML 10Page - Analog Devices Next Button 

AMP01BX Product details

GENERAL DESCRIPTION
The AMP011 is a monolithic instrumentation amplifier designed for high-precision data acquisition and instrumentation applications. The design combines the conventional features of an instrumentation amplifier with a high current output stage. The output remains stable with high capacitance loads (1 μF), a unique ability for an instrumentation amplifier. Consequently, the AMP01 can amplify low level signals for transmission through long cables without requiring an output buffer. The output stage can be configured as a voltage or current generator.
Input offset voltage is very low (20 μV), which generally eliminates the external null potentiometer. Temperature changes have minimal effect on offset; TCVIOS is typically 0.15 μV/°C. Excellent low frequency noise performance is achieved with a minimal compromise on input protection. The bias current is very low, less than 10 nA over the military temperature range. High common-mode rejection of 130 dB, 16-bit linearity at a gain of 1000, and 50 mA peak output current are achievable simultaneously. This combination takes the instrumentation amplifier one step further towards the ideal amplifier.
AC performance complements the superb dc specifications. The AMP01 slews at 4.5 V/μs into capacitive loads of up to 15 nF, settles in 50 μs to 0.01% at a gain of 1000, and boasts a healthy 26 MHz gain bandwidth product. These features make the AMP01 ideal for high speed data acquisition systems.
The gain is set by the ratio of two external resistors over a range of 0.1 to 10,000. A very low gain temperature coefficient of 10 ppm/°C is achievable over the whole gain range. Output voltage swing is guaranteed with three load resistances: 50 Ω, 500 Ω, and 2 kΩ. Loaded with 500 Ω, the output delivers ±13.0 V minimum. A thermal shutdown circuit prevents destruction of the output transistors during overload conditions.
The AMP01 can also be configured as a high performance operational amplifier. In many applications, the AMP01 can be used in place of op amp/power buffer combinations.

FEATURES
   Low offset voltage: 50 μV maximum
   Very low offset voltage drift: 0.3 μV/°C maximum
   Low noise: 0.12 μV p-p (0.1 Hz to 10 Hz)
   Excellent output drive: ±10 V at ±50 mA
   Capacitive load stability: up to 1 μF
   Gain range: 0.1 to 10,000
   Excellent linearity: 16-bit at G = 1000
   High CMR: 125 dB minimum (G = 1000)
   Low bias current: 4 nA maximum
   Can be configured as a precision op amp
   Output-stage thermal shutdown
   Available in die form




Similar Part No. - AMP01BX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01BX AD-AMP01BX Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
More results


Similar Description - AMP01BX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP01 AD-AMP01_15 Datasheet
247Kb / 22P
   Low Noise, Precision Instrumentation Amplifier
AMP01 AD-AMP01_17 Datasheet
545Kb / 30P
   Low Noise, Precision Instrumentation Amplifier
logo
Burr-Brown (TI)
INA118 BURR-BROWN-INA118 Datasheet
242Kb / 11P
   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA118U2K5 TI1-INA118U2K5 Datasheet
392Kb / 16P
[Old version datasheet]   Precision, Low Power INSTRUMENTATION AMPLIFIER
logo
API Technologies Corp
MN2310 APITECH-MN2310 Datasheet
1Mb / 7P
   Precision, Low-Noise JFET Instrumentation Amplifiers
logo
Burr-Brown (TI)
INA103 BURR-BROWN-INA103_07 Datasheet
282Kb / 14P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
INA103 BURR-BROWN-INA103 Datasheet
297Kb / 12P
   Low Noise, Low Distortion INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com