Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8408FS Datasheet (PDF) - Analog Devices

DAC8408FS Datasheet PDF - Analog Devices
Part # DAC8408FS
Download  DAC8408FS Download

File Size   217.32 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 8-Bit Multiplying CMOS D/A Converter with Memory

DAC8408FS Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8408FS Datasheet PDF - Analog Devices

Part # DAC8408FS
Download  DAC8408FS Click to download

File Size   217.32 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Quad 8-Bit Multiplying CMOS D/A Converter with Memory

DAC8408FS Datasheet (HTML) - Analog Devices

Back Button DAC8408FS Datasheet HTML 1Page - Analog Devices DAC8408FS Datasheet HTML 2Page - Analog Devices DAC8408FS Datasheet HTML 3Page - Analog Devices DAC8408FS Datasheet HTML 4Page - Analog Devices DAC8408FS Datasheet HTML 5Page - Analog Devices DAC8408FS Datasheet HTML 6Page - Analog Devices DAC8408FS Datasheet HTML 7Page - Analog Devices DAC8408FS Datasheet HTML 8Page - Analog Devices DAC8408FS Datasheet HTML 9Page - Analog Devices DAC8408FS Datasheet HTML 10Page - Analog Devices Next Button 

DAC8408FS Product details

GENERAL DESCRIPTION
The DAC8408 is a monolithic quad 8-bit multiplying digital-to-analog CMOS converter. Each DAC has its own reference input, feedback resistor, and onboard data latches that feature read/write capability. The readback function serves as memory for those systems requiring self-diagnostics.

FEATURES
    Four DACs in a 28 Pin, 0.6 Inch Wide DIP or 28-Pin JEDEC Plastic Chip Carrier
    ±1/4 LSB Endpoint Linearity
    Guaranteed Monotonic
    DACs Matched to Within 1%
    Microprocessor Compatible
    Read/Write Capability (with Memory)
    TTL/CMOS Compatible
    Four-Quadrant Multiplication
    Single-Supply Operation (+5 V)
    Low Power Consumption
    Latch-Up Resistant
    Available In Die Form

APPLICATIONS
    Voltage Set Points in Automatic Test Equipment
    Systems Requiring Data Access for Self-Diagnostics
    Industrial Automation
    Multichannel Microprocessor-Controlled Systems
    Digitally Controlled Op Amp Offset Adjustment
    Process Control
    Digital Attenuators




Similar Part No. - DAC8408FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FS AD-DAC8408FS Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FS AD-DAC8408FS Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results


Similar Description - DAC8408FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FPZ AD-DAC8408FPZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
logo
Maxwell Technologies
8408 MAXWELL-8408 Datasheet
472Kb / 20P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
logo
Analog Devices
DAC8408 AD-DAC8408_15 Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
DAC8408FPCZ AD-DAC8408FPCZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
   Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
   DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com