Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2807 Datasheet (PDF) - Emcore Corporation

2807 Datasheet PDF - Emcore Corporation
Part # 2807
Download  2807 Download

File Size   378.52 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Mini-Node CATV Optical Receiver

2807 Datasheet (PDF)

Go To PDF Page Download Datasheet
2807 Datasheet PDF - Emcore Corporation

Part # 2807
Download  2807 Click to download

File Size   378.52 Kbytes
Page   2 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description Mini-Node CATV Optical Receiver

2807 Datasheet (HTML) - Emcore Corporation

2807 Datasheet HTML 1Page - Emcore Corporation 2807 Datasheet HTML 2Page - Emcore Corporation

2807 Product details

Mini-Node CATV Optical Receiver

The 2807 Mini-Node CATV Optical Receiver, working with either the 2804 PDS or 2805 PNS transmitter, provides CATV distribution head end operators with an extensive array of features that offer a low-cost solution to increase system performance. The receiver provides an RF output of +38 dBmV over the entire optical input range allowing multiple RF splits without the use of an external RF amplifier. Additionally, the mini-node’s ability to operate over a wide optical input range of -8 to +4.5 dBm allows for a variety of system designs without degrading performance. An LCD display enables the operator to accurately set the tilt and RF output levels to ensure quality of service.

Features
■ Wide Bandwidth of 50 to 860 MHz Accommodates Up to 79 Channels on All Models
■ Provides Excellent Picture Quality with a CNR up to 54.5 dB, CSO of -63 dBc and CTB of -66 dBc
■ Provides up to +38 dBmV RF Output Power Over the Entire Optical Input Range, Allowing a Greater Number of Drops or Splits
■ Wide Optical Input Range of -8 dBm to +4.5 dBm Permits the Use of a Lower Power Transmitter, Reducing System Cost
■ Capable of Responding to Changing System Requirements with Field Installable Return Path Modules
■ Digitally Adjustable Built-In RF Attenuator and Equalizer Settings Allow for Accurate Adjustment of Parameters Via an LCD Screen

Applications
■ CATV
■ Private Network Solutions
■ Professional Distribution Systems




Similar Part No. - 2807

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2807 KR-2807 Datasheet
371Kb / 2P
   60 MHz surface mount bandpass filter
logo
Heyco.
2807 HEYCO-2807 Datasheet
102Kb / 1P
   Shorty Bushings
logo
KR Electronics, Inc.
2807-1 KR-2807-1 Datasheet
53Kb / 3P
   60 MHz Center Frequency
logo
Tyco Electronics
280708 MACOM-280708 Datasheet
94Kb / 1P
   AMPMODU II REC, CONTACT, HIGH PRESSURE, C.O.S.I.
280708-1 MACOM-280708-1 Datasheet
94Kb / 1P
   AMPMODU II REC, CONTACT, HIGH PRESSURE, C.O.S.I.
More results


Similar Description - 2807

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2807 EMCORE-2807_16 Datasheet
588Kb / 3P
   Mini-Node CATV Optical Receiver
2807NA-SFSP EMCORE-2807NA-SFSP_13 Datasheet
235Kb / 2P
   2807 Mini-Node CATV Optical Receiver
7830W EMCORE-7830W Datasheet
504Kb / 4P
   CATV Optical Receiver
7820C EMCORE-7820C Datasheet
567Kb / 6P
   CATV Optical Receiver
7820A EMCORE-7820A Datasheet
579Kb / 6P
   7820A CATV Optical Receiver
2808 EMCORE-2808_16 Datasheet
574Kb / 2P
   Channel CATV Optical Receiver
2809 EMCORE-2809_16 Datasheet
494Kb / 2P
   Channel LDS CATV Optical Receiver
7830W-FA-115 EMCORE-7830W-FA-115 Datasheet
504Kb / 4P
   3 GHz CATV Optical Receiver
2808 EMCORE-2808 Datasheet
301Kb / 2P
   110 Channel CATV Optical Receiver
2809 EMCORE-2809 Datasheet
321Kb / 2P
   77 Channel LDS CATV Optical Receiver
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com