Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP193ES Datasheet (PDF) - Analog Devices

OP193ES Datasheet PDF - Analog Devices
Part # OP193ES
Download  OP193ES Download

File Size   266.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower Operational Amplifiers

OP193ES Datasheet (PDF)

Go To PDF Page Download Datasheet
OP193ES Datasheet PDF - Analog Devices

Part # OP193ES
Download  OP193ES Click to download

File Size   266.25 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision, Micropower Operational Amplifiers

OP193ES Datasheet (HTML) - Analog Devices

Back Button OP193ES Datasheet HTML 1Page - Analog Devices OP193ES Datasheet HTML 2Page - Analog Devices OP193ES Datasheet HTML 3Page - Analog Devices OP193ES Datasheet HTML 4Page - Analog Devices OP193ES Datasheet HTML 5Page - Analog Devices OP193ES Datasheet HTML 6Page - Analog Devices OP193ES Datasheet HTML 7Page - Analog Devices OP193ES Datasheet HTML 8Page - Analog Devices OP193ES Datasheet HTML 9Page - Analog Devices OP193ES Datasheet HTML 10Page - Analog Devices Next Button 

OP193ES Product details

GENERAL DESCRIPTION
The OP193 family of single-supply operational amplifiers features a combination of high precision, low supply current and the ability to operate at low voltages. For high performance in single-supply systems the input and output ranges include ground, and the outputs swing from the negative rail to within 600 mV of the positive supply. For low voltage operation the OP193 family can operate down to 1.7 volts or ±0.85 volts.
The combination of high accuracy and low power operation make the OP193 family useful for battery-powered equipment. Its low current drain and low voltage operation allow it to continue performing long after other amplifiers have ceased functioning either because of battery drain or headroom.
The OP193 family is specified for single +2 volt through dual ±15 volt operation over the HOT (–40°C to +125°C) temperature range. They are available in plastic DIPs, plus SOIC surface mount packages.

FEATURES
   Operates from +1.7 V to ±18 V
   Low Supply Current: 15 A/Amplifier
   Low Offset Voltage: 75 μV
   Outputs Sink and Source: ±8 mA
   No Phase Reversal
   Single- or Dual-Supply Operation
   High Open-Loop Gain: 600 V/mV
   Unity-Gain Stable
  
APPLICATIONS
   Digital Scales
   Strain Gages
   Portable Medical Equipment
   Battery-Powered Instrumentation
   Temperature Transducer Amplifier




Similar Part No. - OP193ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193ES AD-OP193ES Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP193ES-REEL AD-OP193ES-REEL Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP193ES-REEL7 AD-OP193ES-REEL7 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
More results


Similar Description - OP193ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP193FSZ AD-OP193FSZ Datasheet
380Kb / 20P
   Precision, Micropower Operational Amplifiers
REV. C
OP193 AD-OP193_02 Datasheet
216Kb / 16P
   Precision, Micropower Operational Amplifiers
REV. B
OP727 AD-OP727_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP777 AD-OP777_V01 Datasheet
210Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV.D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727 AD-OP727 Datasheet
194Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
   Precision Micropower Single-Supply Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com