Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF02DZ Datasheet (PDF) - Analog Devices

REF02DZ Datasheet PDF - Analog Devices
Part # REF02DZ
Download  REF02DZ Download

File Size   337.67 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V Precision Voltage Reference/Temperature Trangsducer

REF02DZ Datasheet (PDF)

Go To PDF Page Download Datasheet
REF02DZ Datasheet PDF - Analog Devices

Part # REF02DZ
Download  REF02DZ Click to download

File Size   337.67 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V Precision Voltage Reference/Temperature Trangsducer

REF02DZ Datasheet (HTML) - Analog Devices

REF02DZ Datasheet HTML 1Page - Analog Devices REF02DZ Datasheet HTML 2Page - Analog Devices REF02DZ Datasheet HTML 3Page - Analog Devices REF02DZ Datasheet HTML 4Page - Analog Devices REF02DZ Datasheet HTML 5Page - Analog Devices REF02DZ Datasheet HTML 6Page - Analog Devices REF02DZ Datasheet HTML 7Page - Analog Devices REF02DZ Datasheet HTML 8Page - Analog Devices

REF02DZ Product details

GENERAL DESCRIPTION
The REF-02 precision voltage reference provides a stable +5V output which can be adjusted over a ±6% range with minimal effect on temperature stability. Single-supply operation over an input voltage range of 7V to 40V, low current drain of 1mA, and excellent temperature stability are achieved with an improved bandgap design.




Similar Part No. - REF02DZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02D AD-REF02D Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
logo
Linear Technology
REF02DH LINER-REF02DH Datasheet
100Kb / 8P
   Precision Voltage References
REF02DJ8 LINER-REF02DJ8 Datasheet
100Kb / 8P
   Precision Voltage References
REF02DN8 LINER-REF02DN8 Datasheet
100Kb / 8P
   Precision Voltage References
logo
Analog Devices
REF02DP AD-REF02DP Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
More results


Similar Description - REF02DZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675 Datasheet
131Kb / 4P
   5V Precision Voltage Reference
1996
logo
Burr-Brown (TI)
REF02 BURR-BROWN-REF02 Datasheet
317Kb / 12P
   5V Precision VOLTAGE REFERENCE
logo
Texas Instruments
REF02BU TI-REF02BU Datasheet
869Kb / 15P
[Old version datasheet]   5V Precision VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_V01 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
2004
logo
Advanced Monolithic Sys...
AMSREF-02 ADMOS-AMSREF-02 Datasheet
55Kb / 6P
   5V PRECISION VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX675 MAXIM-MAX675_04 Datasheet
335Kb / 5P
   5V Precision Voltage Reference
Rev 2; 7/04
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500_06 Datasheet
320Kb / 10P
   Precision 5V micropower voltage reference
logo
Linear Technology
LT1027 LINER-LT1027_15 Datasheet
220Kb / 8P
   Precision 5V Reference
RH1021-5 LINER-RH1021-5_15 Datasheet
101Kb / 4P
   Precision 5V Reference
LT1027 LINER-LT1027 Datasheet
167Kb / 8P
   Precision 5V Reference
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com