Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS431LBL Datasheet (PDF) - Advanced Monolithic Systems

AMS431LBL Datasheet PDF - Advanced Monolithic Systems
Part # AMS431LBL
Download  AMS431LBL Download

File Size   64.77 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1.2V SHUNT REGULATOR

AMS431LBL Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS431LBL Datasheet PDF - Advanced Monolithic Systems

Part # AMS431LBL
Download  AMS431LBL Click to download

File Size   64.77 Kbytes
Page   7 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 1.2V SHUNT REGULATOR

AMS431LBL Datasheet (HTML) - Advanced Monolithic Systems

AMS431LBL Datasheet HTML 1Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 2Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 3Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 4Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 5Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 6Page - Advanced Monolithic Systems AMS431LBL Datasheet HTML 7Page - Advanced Monolithic Systems

AMS431LBL Product details

GENERAL DESCRIPTION

The AMS431L is a three-terminal adjustable shunt regulator with guaranteed temperature stability over the entire range of operation. The output voltage can be set to any value between 1.24V (VREF) and 20V by adding two external resistors. The AMS431L features 0.5% initial tolerance, low dynamic output impedance and operates over a wide current range. Due to the sharp turn-on characteristics this device is an excellent replacement for zener diodes in many applications.

AMS431 is available in TO-92, SOT-89, 3 pin SOT-23 and 5 pin SOT-23 packages



FEATURES

· Trimmed 0.5% Tolerance

· Wide Operating Current Range 60mA to 100mA

· Low Reference Input Current 0.4mA

· Low Dynamic Output Impedance

· Low Output Noise

· Nominal Temperature Range to 85°C

· Temperature-Compensated: 60ppm/°C



APPLICATIONS

· Battery Powered Systems

· Switching Power Supplies

· Adjustable Power Supplies

· Telecommunications

· Error Amplifiers

· Notebook/Personal Computer

· Monitors/ VCR/ TV

· Pagers



 




Similar Part No. - AMS431LBL

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431LBL ADMOS-AMS431LBL Datasheet
63Kb / 7P
   1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431LBL AMS-AMS431LBL Datasheet
133Kb / 7P
   1.2V SHUNT REGULATOR
More results


Similar Description - AMS431LBL

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS431L AMS-AMS431L Datasheet
133Kb / 7P
   1.2V SHUNT REGULATOR
logo
Advanced Monolithic Sys...
AMS431L ADMOS-AMS431L_05 Datasheet
63Kb / 7P
   1.2V SHUNT REGULATOR
logo
Global Mixed-mode Techn...
G912 GMT-G912 Datasheet
38Kb / 1P
   1.2V 1A Regulator
logo
Renesas Technology Corp
HA17431H RENESAS-HA17431H Datasheet
96Kb / 7P
   Shunt Regulator
HA17431H RENESAS-HA17431H_15 Datasheet
186Kb / 8P
   Shunt Regulator
logo
TAITRON Components Inco...
LM431 TAITRON-LM431 Datasheet
768Kb / 14P
   Shunt Regulator
logo
Renesas Technology Corp
HA17L431 RENESAS-HA17L431 Datasheet
130Kb / 10P
   Shunt Regulator
HA17431 RENESAS-HA17431_15 Datasheet
323Kb / 21P
   Shunt Regulator
HA17431VPJ RENESAS-HA17431VPJ Datasheet
326Kb / 18P
   Shunt Regulator
logo
List of Unclassifed Man...
LM431L ETC2-LM431L Datasheet
754Kb / 13P
   Shunt Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com