Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS2954C-33 Datasheet (PDF) - Advanced Monolithic Systems

AMS2954C-33 Datasheet PDF - Advanced Monolithic Systems
Part # AMS2954C-33
Download  AMS2954C-33 Download

File Size   169.59 Kbytes
Page   15 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 250mA LOW DROPOUT VOLTAGE REGULATOR

AMS2954C-33 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS2954C-33 Datasheet PDF - Advanced Monolithic Systems

Part # AMS2954C-33
Download  AMS2954C-33 Click to download

File Size   169.59 Kbytes
Page   15 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 250mA LOW DROPOUT VOLTAGE REGULATOR

AMS2954C-33 Datasheet (HTML) - Advanced Monolithic Systems

Back Button AMS2954C-33 Datasheet HTML 1Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 2Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 3Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 4Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 5Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 6Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 7Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 8Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 9Page - Advanced Monolithic Systems AMS2954C-33 Datasheet HTML 10Page - Advanced Monolithic Systems Next Button 

AMS2954C-33 Product details

GENERAL DESCRIPTION

The AMS2954 series are micropower voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current (typ.75µA), and very low dropout voltage (typ.50mV at light loads and 380mV at 250mA) thus prolonging battery life. The quiescent current increases only slightly in dropout. The AMS2954 has positive transient protection up to 60V and can survive unregulated input transient up to 20V below ground. The AMS2954 was designed to include a tight initial tolerance (typ. 0.5%), excellent load and line regulation (typ. 0.05%), and a very low output voltage temperature coefficient, making these devices useful as a low-power voltage reference.

The AMS2954 is available in the 3L TO-220 package, 3L TO-263, SOT-223, TO-252 and in 8-pin plastic SOIC and DIP packages. In the 8L SOIC and PDIP packages the following additional features are offered: an error flag output warns of a low output voltage, often due to failing batteries on input; the logic-compatible shutdown input enables the regulator to be switched on and off; the device may be pin-strapped for a, 2.5, 3.0V, 3.3V or 5V output, or programmed from 1.24V to 29V with an external pair of resistors.



FEATURES

• 2.5V, 3.0V, 3.3V and 5.0V Versions

• High Accuracy Output Voltage

• Extremely Low Quiescent Current

• Low Dropout Voltage

• Extremely Tight Load and Line Regulation

• Very Low Temperature Coefficient

• Current and Thermal Limiting

• Needs Minimum Capacitance (1µF) for Stability

• Unregulated DC Positive Transients 60V



ADDITIONAL FEATURES (ADJ ONLY)

• 1.24V to 29V Programmable Output

• Error Flag Warning of Voltage Output Dropout

• Logic Controlled Electronic Shutdown



APPLICATIONS

• Battery Powered Systems

• Portable Consumer Equipment

• Cordless Telephones

• Portable (Notebook) Computers

• Portable Instrumentation

• Radio Control Systems

• Automotive Electronics

• Avionics

• Low-Power Voltage Reference



 




Similar Part No. - AMS2954C-33

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2954C-X ADMOS-AMS2954C-X Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS2954C-33

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
178Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2954 ADMOS-AMS2954_08 Datasheet
188Kb / 15P
   250mA LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954_05 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
SPX2954AM3-L-5-0 SIPEX-SPX2954AM3-L-5-0 Datasheet
214Kb / 17P
   250mA Low Dropout Voltage Regulator
logo
Exar Corporation
SPX2954 EXAR-SPX2954 Datasheet
582Kb / 15P
   250mA Low Dropout Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC662K FUMAN-SC662K Datasheet
966Kb / 3P
   250mA Low Dropout Voltage Regulator IC
SC6207 FUMAN-SC6207 Datasheet
1Mb / 4P
   250mA Low Dropout Voltage Regulator IC
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011 Datasheet
60Kb / 4P
   250mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2954 MICREL-MIC2954_07 Datasheet
525Kb / 15P
   250mA Low-Dropout Regulator
logo
Texas Instruments
REG102-25 TI1-REG102-25 Datasheet
961Kb / 25P
[Old version datasheet]   250mA Low-Dropout Regulator
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com