Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMS3107S-40 Datasheet (PDF) - Advanced Monolithic Systems

AMS3107S-40 Datasheet PDF - Advanced Monolithic Systems
Part # AMS3107S-40
Download  AMS3107S-40 Download

File Size   82.52 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS3107S-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMS3107S-40 Datasheet PDF - Advanced Monolithic Systems

Part # AMS3107S-40
Download  AMS3107S-40 Click to download

File Size   82.52 Kbytes
Page   9 Pages
Manufacturer  ADMOS [Advanced Monolithic Systems]
Direct Link  http://www.advanced-monolithic.com
Logo ADMOS - Advanced Monolithic Systems
Description 500mA LOW DROPOUT VOLTAGE REGULATOR

AMS3107S-40 Datasheet (HTML) - Advanced Monolithic Systems

AMS3107S-40 Datasheet HTML 1Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 2Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 3Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 4Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 5Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 6Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 7Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 8Page - Advanced Monolithic Systems AMS3107S-40 Datasheet HTML 9Page - Advanced Monolithic Systems

AMS3107S-40 Product details

GENERAL DESCRIPTION

The AMS3107 series consists of positive fixed and adjustable voltage regulators ideally suited for use in battery-powered systems. These devices feature very low quiescent current of 0.8mA or less when supplying 50mA loads. This unique characteristic and the extremely low input-output differential required for proper regulation (0.2V for output currents of 100mA) make the AMS3107 ideal to use for standby power systems.



FEATURES

• Fixed and Adjustable Versions Available

• Output Current up to 500mA

• Very Low Quiescent Current

• Reverse Battery Protection

• Input-output Differential less than 0.6V

• Short Circuit Protection

• Internal Thermal Overload Protection

• Load Dump Protection

• Overvoltage Protection

• Mirror Image Insertion Protection

• ON/OFF Pin



APPLICATIONS

• Cellular Telephones

• Portable Consumer Equipment

• Portable (Notebook) Computers

• Battery Powered Systems

• Portable Instrumentation

• Radio Control Systems

• CD/DVD drives

• Automotive




Similar Part No. - AMS3107S-40

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS3107S-40 ADMOS-AMS3107S-40 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Similar Description - AMS3107S-40

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Memory Technolog...
T6328A TMT-T6328A Datasheet
473Kb / 10P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2907 ADMOS-AMS2907_05 Datasheet
68Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2905 ADMOS-AMS2905_05 Datasheet
67Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
Unisonic Technologies
LM2937 UTC-LM2937 Datasheet
144Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_17 Datasheet
249Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
LM2937 UTC-LM2937_V01 Datasheet
291Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LM2937 ETL-LM2937 Datasheet
246Kb / 10P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results




About Advanced Monolithic Systems


Advanced Monolithic Systems (AMS) is a semiconductor company that specializes in the design and manufacturing of analog and mixed-signal integrated circuits (ICs). The company was founded in 1989 and is headquartered in San Diego, California.

AMS offers a wide range of IC products, including voltage references, operational amplifiers, comparators, and analog switches. These products are used in a variety of applications, including automotive, communications, consumer electronics, and industrial automation.

AMS is known for its high-quality products and commitment to innovation. The company's ICs are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. AMS also offers custom design and engineering services to meet the specific needs of its customers.

AMS has a global presence, with sales offices and representatives located around the world. The company also maintains partnerships with a number of leading electronics manufacturers, ensuring that its products are available to customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com