Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACT8502-C Datasheet (PDF) - Aeroflex Circuit Technology

ACT8502-C Datasheet PDF - Aeroflex Circuit Technology
Part # ACT8502-C
Download  ACT8502-C Download

File Size   89.75 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module

ACT8502-C Datasheet (PDF)

Go To PDF Page Download Datasheet
ACT8502-C Datasheet PDF - Aeroflex Circuit Technology

Part # ACT8502-C
Download  ACT8502-C Click to download

File Size   89.75 Kbytes
Page   10 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module

ACT8502-C Datasheet (HTML) - Aeroflex Circuit Technology

ACT8502-C Datasheet HTML 1Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 2Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 3Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 4Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 5Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 6Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 7Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 8Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 9Page - Aeroflex Circuit Technology ACT8502-C Datasheet HTML 10Page - Aeroflex Circuit Technology

ACT8502-C Product details

General Description
Aeroflex’s ACT8502 is a radiation hardened, multi-chip 48 channel multiplexer MCM (multi-chip module) with ESD protection for use in space applications. All channel inputs have electrostatic discharge protection.

Features
■ Radiation Environment
    • Radiation 300K(Si) Total Dose
    • No Latch-Up or SEE to 120MeV/cm2/mg
■ Full Military Temperature Range
■ Low Power Consumption < 90mW
■ 48 Channels Provided by Six (6) HS-1840RH Multiplexers
■ One Address Bus (A0-3) and Three Enable Lines
■ All Channel Inputs protected by ±20V Transorbs
■ Fast Access Time 1500ns
■ ±35V Input Over Voltage Protection (Power On or Off)
■ Break-Before-Make Switching
■ High Analog Input Impedance (Power On or Off)
■ Dielectrically Isolated Device Islands
■ No Latch-Up
■ Packaging – Hermetic Ceramic Quad Flat Pack
    • 96 Leads, 1.32"Sq x .20"Ht Quad Flat Pack
    • Typical Weight 15 grams
■ DESC SMD Pending




Similar Part No. - ACT8502-C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-7 AEROFLEX-ACT8500-7 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-C AEROFLEX-ACT8500-C Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-I AEROFLEX-ACT8500-I Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500-S AEROFLEX-ACT8500-S Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
More results


Similar Description - ACT8502-C

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT8503 AEROFLEX-ACT8503 Datasheet
84Kb / 10P
   ACT8503 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
ACT8501 AEROFLEX-ACT8501 Datasheet
87Kb / 10P
   ACT8501 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8500 AEROFLEX-ACT8500 Datasheet
92Kb / 10P
   ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module
ACT8512 AEROFLEX-ACT8512 Datasheet
99Kb / 8P
   ACT8512 48-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8513 AEROFLEX-ACT8513 Datasheet
95Kb / 8P
   ACT8513 48-Channel Analog Multiplexer Module Radiation Tolerant and ESD Protected
ACT8510 AEROFLEX-ACT8510 Datasheet
102Kb / 8P
   ACT8510 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
MUX8530 AEROFLEX-MUX8530 Datasheet
89Kb / 8P
   MUX8530 16-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8508 AEROFLEX-ACT8508 Datasheet
279Kb / 8P
   ACT8508 32-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8511 AEROFLEX-ACT8511 Datasheet
98Kb / 8P
   ACT8511 64-Channel Analog Multiplexer Module Radiation Tolerant & ESD Protected
ACT8504 AEROFLEX-ACT8504 Datasheet
92Kb / 11P
   ACT8504 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module With MUX Output Monitor Function
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com