Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2526G51 Datasheet (PDF) - Agere Systems

D2526G51 Datasheet PDF - Agere Systems
Part # D2526G51
Download  D2526G51 Download

File Size   112.03 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module

D2526G51 Datasheet (PDF)

Go To PDF Page Download Datasheet
D2526G51 Datasheet PDF - Agere Systems

Part # D2526G51
Download  D2526G51 Click to download

File Size   112.03 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description D2570, D2526, D2555 Wavelength-Selected Direct Modulated Isolated DFB Laser Module

D2526G51 Datasheet (HTML) - Agere Systems

Back Button D2526G51 Datasheet HTML 1Page - Agere Systems D2526G51 Datasheet HTML 2Page - Agere Systems D2526G51 Datasheet HTML 3Page - Agere Systems D2526G51 Datasheet HTML 4Page - Agere Systems D2526G51 Datasheet HTML 5Page - Agere Systems D2526G51 Datasheet HTML 6Page - Agere Systems D2526G51 Datasheet HTML 7Page - Agere Systems D2526G51 Datasheet HTML 8Page - Agere Systems D2526G51 Datasheet HTML 9Page - Agere Systems D2526G51 Datasheet HTML 10Page - Agere Systems Next Button 

D2526G51 Product details

Description

The Direct Modulated Isolated DFB Laser Module contains an internally cooled, InGaAs, MQW, distributed-feedback (DFB) laser designed for 1.5µm applications.



Features

■ ITU wavelengths available from 1528.77 nm —1610.06 nm

■ SONET/SDH compatible up to OC-48/STM-16

■ Temperature tunable for precise wavelength selection

■ Integrated optical isolator

■ High-performance, multiquantum well (MQW) distributed-feedback (DFB) laser

■ Industry-standard, 14-pin butterfly package

■ Characterized at 2.488 Gbits/s (NRZ)

■ InGaAs, PIN photodetector back-facet monitor

■ Low threshold current

■ High-reliability, hermetic packaging

■ Excellent long-term wavelength stability can eliminate the need for external wavelength locker

■ Qualified to meet the intent of Telcordia Technolo gies * 468

* Telcordia Technologiesis a trademark of Telcordia Technologies, Inc.



Applications

■ Three direct-modulated DWDM families available to meet a number of OC-48/STM-16 applications:

  — Extended reach (100 km)

  — Very long reach (170 km)

  —Metro DWDM

  — Digital video




Similar Part No. - D2526G51

ManufacturerPart #DatasheetDescription
logo
3M Electronics
D2526-6002 3M-D2526-6002 Datasheet
1Mb / 6P
   100 x .100 Low Profi le, SMT Straight, Straight and Rt Angle Through-Hole
More results


Similar Description - D2526G51

ManufacturerPart #DatasheetDescription
logo
Agere Systems
D2525P AGERE-D2525P Datasheet
261Kb / 10P
   Wavelength-Selected D2525P Isolated DFB Laser Module with PMF
D2547P AGERE-D2547P Datasheet
122Kb / 14P
   Wavelength-Selected High-Power D2587P-Type (with Wavelength Locker)/D2547P-Type Isolated DFB Laser Modules
D2300 AGERE-D2300 Datasheet
265Kb / 8P
   1.3 mm D2300-Type Laser Isolated DFB Laser Module
logo
Micro Electronics
D2300 MICRO-ELECTRONICS-D2300 Datasheet
265Kb / 8P
   1.3 m D2300-Type Laser Isolated DFB Laser Module
logo
Eudyna Devices Inc
FLD5F15CX-A EUDYNA-FLD5F15CX-A Datasheet
299Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
logo
OptoDiode Corp
OD-780W OPTODIODE-OD-780W Datasheet
281Kb / 1P
   SELECTED WAVELENGTH GaAlAs EMITTERS
logo
Emcore Corporation
1622-E1-AA-D1-1291-04 EMCORE-1622-E1-AA-D1-1291-04 Datasheet
318Kb / 6P
   CWDM DFB Laser Module
logo
Eudyna Devices Inc
FLD5F7CZ-J EUDYNA-FLD5F7CZ-J Datasheet
219Kb / 6P
   1,550nm DFB DWDM Direct Modulation Laser
FLD5F15CX-E EUDYNA-FLD5F15CX-E Datasheet
298Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
FLD5F15CX-J EUDYNA-FLD5F15CX-J Datasheet
233Kb / 6P
   1,550nm DWDM Direct Modulation DFB Laser
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com