Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORLI10G Datasheet (PDF) - Agere Systems

ORLI10G Datasheet PDF - Agere Systems
Part # ORLI10G
Download  ORLI10G Download

File Size   1548.61 Kbytes
Page   72 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC

ORLI10G Datasheet (PDF)

Go To PDF Page Download Datasheet
ORLI10G Datasheet PDF - Agere Systems

Part # ORLI10G
Download  ORLI10G Click to download

File Size   1548.61 Kbytes
Page   72 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC

ORLI10G Datasheet (HTML) - Agere Systems

Back Button ORLI10G Datasheet HTML 1Page - Agere Systems ORLI10G Datasheet HTML 2Page - Agere Systems ORLI10G Datasheet HTML 3Page - Agere Systems ORLI10G Datasheet HTML 4Page - Agere Systems ORLI10G Datasheet HTML 5Page - Agere Systems ORLI10G Datasheet HTML 6Page - Agere Systems ORLI10G Datasheet HTML 7Page - Agere Systems ORLI10G Datasheet HTML 8Page - Agere Systems ORLI10G Datasheet HTML 9Page - Agere Systems ORLI10G Datasheet HTML 10Page - Agere Systems Next Button 

ORLI10G Product details

Introduction
Agere Systems Inc. has developed a new ORCA Series 4 based FPSC which combines a high-speed line interface with a flexible FPGA logic core. Built on the Series 4 reconfigurable embedded system-onchips (SoC) architecture, the ORLI10G consists of an OIF standard (OIF 99.102.5) compliant XSBI or OIF-SFI4-01.0 SFI-4, 10 Gbits/s or 12.5 Gbits/s transmit and 10 Gbits/s or 12.5 Gbits/s receive line interface.
   
Embedded Function Features
■ Provides a line interface-to-interface with various
    system standards such as OC-192/STM-64 SONET/
    SDH, Quad OC-48/STM-16 10 Gbits/s Ethernet, and
    10 Gbits/s OTN (digital wrapper/strong FEC) or
    12.5 Gbits/s SuperFEC.
■ Embedded PLLs with programmable M/N
    multiplication/division values provide for flexible data
    rate conversion between line side and system side.
■ Line side provides for 16-bit LVDS data with multiple
    line frequencies supported up to 850 MHz,
    depending on system standard.
■ Line side interface, including timing and jitter
    specifications, compliant to OIF 99.102.5 standard.
■ Receive side interface can be split into four separate
    asynchronous 2.5 Gbits/s interfaces (4-bit LVDS data
    interface for each) with a separate clock for each for
    transfer to the FPGA logic.
■ Data and clock rates divided by 4 or 8 for use in
    FPGA logic.
■ Direct interface to Agere’s 10 Gbits/s MUX
    (TTRN0110G) and deMUX (TRCV0110G) or
    12.5 Gbits/s MUX (TTRN01126) and deMUX
    (TRCV01126) for XSBI, SFI-4, or SuperFEC
    applications.
■ LVDS I/Os compliant with EIA®-644 support hot
    insertion. All embedded LVDS I/Os include both input
    and output on-board termination to allow high-speed
    operation.
■ Low-power LVDS buffers.
   




Similar Part No. - ORLI10G

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORLI10G LATTICE-ORLI10G Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
ORLI10G-1BM680C LATTICE-ORLI10G-1BM680C Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
ORLI10G-1BM680I LATTICE-ORLI10G-1BM680I Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
ORLI10G-1BMN680C LATTICE-ORLI10G-1BMN680C Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
ORLI10G-1BMN680I LATTICE-ORLI10G-1BMN680I Datasheet
907Kb / 80P
   Quad 2.5Gbps, 10Gbps Quad 3.125Gbps, 12.5Gbps Line Interface FPSC
More results


Similar Description - ORLI10G

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORT82G5 AGERE-ORT82G5 Datasheet
1Mb / 92P
   ORCA ORT82G5 1.0.1-25/2.0-2.5/3.125 Gbits/s Backplane Interface FPSC
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
TZA3044T PHILIPS-TZA3044T Datasheet
104Kb / 18P
   1.25 Gbits/s Gigabit Ethernet postamplifiers
1998 Jul 07
logo
Agere Systems
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
2623N AGERE-2623N Datasheet
103Kb / 8P
   10 Gbits/s Lithium Niobate Electro-Optic Modulator
D1861A AGERE-D1861A Datasheet
93Kb / 6P
   D1861A 10 Gbits/s 1310 nm DML Module
E2560 AGERE-E2560 Datasheet
637Kb / 6P
   E2560/E2580-Type 10 Gbits/s EML Modules
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com