Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100351PC Datasheet (PDF) - Fairchild Semiconductor

100351PC Datasheet PDF - Fairchild Semiconductor
Part # 100351PC
Download  100351PC Download

File Size   94.1 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Hex D-Type Flip-Flop

100351PC Datasheet (PDF)

Go To PDF Page Download Datasheet
100351PC Datasheet PDF - Fairchild Semiconductor

Part # 100351PC
Download  100351PC Click to download

File Size   94.1 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Hex D-Type Flip-Flop

100351PC Datasheet (HTML) - Fairchild Semiconductor

100351PC Datasheet HTML 1Page - Fairchild Semiconductor 100351PC Datasheet HTML 2Page - Fairchild Semiconductor 100351PC Datasheet HTML 3Page - Fairchild Semiconductor 100351PC Datasheet HTML 4Page - Fairchild Semiconductor 100351PC Datasheet HTML 5Page - Fairchild Semiconductor 100351PC Datasheet HTML 6Page - Fairchild Semiconductor 100351PC Datasheet HTML 7Page - Fairchild Semiconductor 100351PC Datasheet HTML 8Page - Fairchild Semiconductor 100351PC Datasheet HTML 9Page - Fairchild Semiconductor

100351PC Product details

General Description
The 100351 contains six D-type edge-triggered, master/slave flip-flops with true and complement outputs, a pair of common Clock inputs (CPa and CPb) and common Master Reset (MR) input. Data enters a master when both CPa and CPb are LOW and transfers to the slave when CPa and CPb (or both) go HIGH. The MR input overrides all other inputs and makes the Q outputs LOW. All inputs have 50 kΩ pull-down resistors.
   
Features
■ 40% power reduction of the 100151
■ 2000V ESD protection
■ Pin/function compatible with 100151
■ Voltage compensated operating range:
    −4.2V to −5.7V
■ Available to industrial grade temperature range
   




Similar Part No. - 100351PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100351 NSC-100351 Datasheet
147Kb / 8P
   Low Power Hex D Flip-Flop
logo
FCI connector
10035104 FCI-CONNECTOR-10035104 Datasheet
110Kb / 2P
   4 LANE R/A TH HEADER
10035104-001LF FCI-CONNECTOR-10035104-001LF Datasheet
110Kb / 2P
   4 LANE R/A TH HEADER
10035104-002LF FCI-CONNECTOR-10035104-002LF Datasheet
110Kb / 2P
   4 LANE R/A TH HEADER
10035104-003LF FCI-CONNECTOR-10035104-003LF Datasheet
110Kb / 2P
   4 LANE R/A TH HEADER
More results


Similar Description - 100351PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100351 NSC-100351 Datasheet
147Kb / 8P
   Low Power Hex D Flip-Flop
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_11 Datasheet
137Kb / 6P
   Hex Type D Flip-Flop
June, 2011 ??Rev. 7
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com