Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

100360PC Datasheet (PDF) - Fairchild Semiconductor

100360PC Datasheet PDF - Fairchild Semiconductor
Part # 100360PC
Download  100360PC Download

File Size   74.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Dual Parity Checker/Generator

100360PC Datasheet (PDF)

Go To PDF Page Download Datasheet
100360PC Datasheet PDF - Fairchild Semiconductor

Part # 100360PC
Download  100360PC Click to download

File Size   74.28 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low Power Dual Parity Checker/Generator

100360PC Datasheet (HTML) - Fairchild Semiconductor

100360PC Datasheet HTML 1Page - Fairchild Semiconductor 100360PC Datasheet HTML 2Page - Fairchild Semiconductor 100360PC Datasheet HTML 3Page - Fairchild Semiconductor 100360PC Datasheet HTML 4Page - Fairchild Semiconductor 100360PC Datasheet HTML 5Page - Fairchild Semiconductor 100360PC Datasheet HTML 6Page - Fairchild Semiconductor 100360PC Datasheet HTML 7Page - Fairchild Semiconductor

100360PC Product details

General Description
The 100360 is a dual parity checker/generator. Each half has nine inputs; the output is HIGH when an even number of inputs are HIGH. One of the nine inputs (Ia or Ib) has the shorter through-put delay and is therefore preferred as the expansion input for generating parity for 16 or more bits. The 100360 also has a Compare (C) output which allows the circuit to compare two 8-bit words. The C output is LOW when the two words match, bit for bit. All inputs have 50 kΩ pull-down resistors.

Features
■ Lower power than 100160
■ 2000V ESD protection
■ Pin/function compatible with 100160
■ Voltage compensated operating range = −4.2V to −5.7V
■ Min to Max propagation delay 35% tighter than 100160
■ Available to industrial grade temperature range




Similar Part No. - 100360PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
100360 ETC-100360 Datasheet
688Kb / 3P
   RevPi Core S
Version: EN 1.0
logo
Turck, Inc.
1003600 TURCK-1003600 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
logo
List of Unclassifed Man...
1003600100 ETC2-1003600100 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003605 TURCK-1003605 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
More results


Similar Description - 100360PC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com