Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3120 Datasheet (PDF) - Fairchild Semiconductor

FOD3120 Datasheet PDF - Fairchild Semiconductor
Part # FOD3120
Download  FOD3120 Download

File Size   403.68 Kbytes
Page   22 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler

FOD3120 Datasheet (PDF)

Go To PDF Page Download Datasheet
FOD3120 Datasheet PDF - Fairchild Semiconductor

Part # FOD3120
Download  FOD3120 Click to download

File Size   403.68 Kbytes
Page   22 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler

FOD3120 Datasheet (HTML) - Fairchild Semiconductor

Back Button FOD3120 Datasheet HTML 1Page - Fairchild Semiconductor FOD3120 Datasheet HTML 2Page - Fairchild Semiconductor FOD3120 Datasheet HTML 3Page - Fairchild Semiconductor FOD3120 Datasheet HTML 4Page - Fairchild Semiconductor FOD3120 Datasheet HTML 5Page - Fairchild Semiconductor FOD3120 Datasheet HTML 6Page - Fairchild Semiconductor FOD3120 Datasheet HTML 7Page - Fairchild Semiconductor FOD3120 Datasheet HTML 8Page - Fairchild Semiconductor FOD3120 Datasheet HTML 9Page - Fairchild Semiconductor FOD3120 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FOD3120 Product details

Description

The FOD3120 is a 2.5A Output Current Gate Drive Optocoupler, capable of driving most 1200V/20A IGBT/MOSFET. It is ideally suited for fast switching driving of power IGBT and MOSFETs used in motor control inverter applications, and high performance power system.



Features

■High noise immunity characterized by 35kV/µs minimum common mode rejection

■2.5A peak output current driving capability for most 1200V/20A IGBT

■Use of P-channel MOSFETs at output stage enables output voltage swing close to the supply rail

■Wide supply voltage range from 15V to 30V

■Fast switching speed

– 400ns max. propagation delay

– 100ns max. pulse width distortion

■Under Voltage LockOut (UVLO) with hysteresis

■Extended industrial temperate range, -40°C to 100°C temperature range

■Safety and regulatory approved

– UL1577, 5000 VRMSfor 1 min.

– IEC60747-5-2

■RDS(ON)of 1Ω(typ.) offers lower power dissipation

■>8.0mm clearance and creepage distance (option ‘T’ or ‘TS’)

■1,414V Peak Working Insulation Voltage (VIORM)



Applications

■Industrial inverter

■Uninterruptible power supply

■Induction heating

■Isolated IGBT/Power MOSFET gate drive




Similar Part No. - FOD3120

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120S ONSEMI-FOD3120S Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120SD ONSEMI-FOD3120SD Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120SDV ONSEMI-FOD3120SDV Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3120SV ONSEMI-FOD3120SV Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results


Similar Description - FOD3120

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com