Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N6756 Datasheet (PDF) - Fairchild Semiconductor

2N6756 Datasheet PDF - Fairchild Semiconductor
Part # 2N6756
Download  2N6756 Download

File Size   136.63 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 14 A, 60 A/100 V

2N6756 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6756 Datasheet PDF - Fairchild Semiconductor

Part # 2N6756
Download  2N6756 Click to download

File Size   136.63 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 14 A, 60 A/100 V

2N6756 Datasheet (HTML) - Fairchild Semiconductor

2N6756 Datasheet HTML 1Page - Fairchild Semiconductor 2N6756 Datasheet HTML 2Page - Fairchild Semiconductor 2N6756 Datasheet HTML 3Page - Fairchild Semiconductor 2N6756 Datasheet HTML 4Page - Fairchild Semiconductor 2N6756 Datasheet HTML 5Page - Fairchild Semiconductor

2N6756 Product details

Description
These devices are n-channel, enchancement mode, power MOSFETs designed especially for high power, high speed applications, such as switching power supplies, UPS, AC and DC motor controls, relay and solenoid drivers and high energy pulse circuits.




Similar Part No. - 2N6756

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N6756 MICROSEMI-2N6756 Datasheet
177Kb / 3P
   N-CHANNEL MOSFET
logo
New Jersey Semi-Conduct...
2N6756 NJSEMI-2N6756 Datasheet
409Kb / 3P
   HEXFET TRANSISTORS
logo
Inchange Semiconductor ...
2N6756 ISC-2N6756 Datasheet
47Kb / 2P
   VGS Rated at 짹20V
More results


Similar Description - 2N6756

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Fairchild Semiconductor
IRF130-133 FAIRCHILD-IRF130-133 Datasheet
180Kb / 6P
   N-Channel Power MOSFETs, 20 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
IRF140-143 FAIRCHILD-IRF140-143 Datasheet
146Kb / 5P
   N-Channel Power MOSFETs, 27 A, 60-100V
IRF510-513 FAIRCHILD-IRF510-513 Datasheet
151Kb / 5P
   N-Channel Power MOSFETs, 5.5 A, 60-100V
logo
Renesas Technology Corp
NP60N06VLK RENESAS-NP60N06VLK Datasheet
552Kb / 9P
   60 V ??60 A ??N-channel Power MOS FET
logo
ON Semiconductor
NTB60N06 ONSEMI-NTB60N06 Datasheet
216Kb / 10P
   MOSFET – Power, N-Channel, D2PAK 60 V, 60 A
May, 2019 - Rev. 0
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com