Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATxmega16A4U-AU Datasheet (PDF) - ATMEL Corporation

ATxmega16A4U-AU Datasheet PDF - ATMEL Corporation
Part # ATxmega16A4U-AU
Download  ATxmega16A4U-AU Download

File Size   4723.25 Kbytes
Page   121 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA A4U Microcontroller

ATxmega16A4U-AU Datasheet (PDF)

Go To PDF Page Download Datasheet
ATxmega16A4U-AU Datasheet PDF - ATMEL Corporation

Part # ATxmega16A4U-AU
Download  ATxmega16A4U-AU Click to download

File Size   4723.25 Kbytes
Page   121 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8/16-bit Atmel XMEGA A4U Microcontroller

ATxmega16A4U-AU Datasheet (HTML) - ATMEL Corporation

Back Button ATxmega16A4U-AU Datasheet HTML 1Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 2Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 3Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 4Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 5Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 6Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 7Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 8Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 9Page - ATMEL Corporation ATxmega16A4U-AU Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATxmega16A4U-AU Product details

Overview
The Atmel AVR XMEGA is a family of low power, high performance, and peripheral rich 8/16-bit microcontrollers based on the AVR enhanced RISC architecture. By executing instructions in a single clock cycle, the AVR XMEGA devices achieve CPU throughput approaching one million instructions per second (MIPS) per megahertz, allowing the system designer to optimize power consumption versus processing speed.

Features
• High-performance, low-power Atmel® AVR® XMEGA® 8/16-bit Microcontroller
• Nonvolatile program and data memories
    • 16K - 128KB of in-system self-programmable flash
    • 4K - 8KB boot section
    • 1K - 2KB EEPROM
    • 2K - 8KB internal SRAM
• Peripheral Features
    • Four-channel DMA controller
    • Eight-channel event system
    • Five 16-bit timer/counters
        • Three timer/counters with 4 output compare or input capture channels
        • Two timer/counters with 2 output compare or input capture channels
        • High-resolution extensions on all timer/counters
        • Advanced waveform extension (AWeX) on one timer/counter
    • One USB device interface
        • USB 2.0 full speed (12Mbps) and low speed (1.5Mbps) device compliant
        • 32 Endpoints with full configuration flexibility
    • Five USARTs with IrDA support for one USART
    • Two Two-wire interfaces with dual address match (I2C and SMBus compatible)
    • Two serial peripheral interfaces (SPIs)
    • AES and DES crypto engine
    • CRC-16 (CRC-CCITT) and CRC-32 (IEEE® 802.3) generator
    • 16-bit real time counter (RTC) with separate oscillator
    • One twelve-channel, 12-bit, 2msps Analog to Digital Converter
    • One two-channel, 12-bit, 1msps Digital to Analog Converter
    • Two Analog Comparators with window compare function, and current sources
    • External interrupts on all general purpose I/O pins
    • Programmable watchdog timer with separate on-chip ultra low power oscillator
    • QTouch® library support
        • Capacitive touch buttons, sliders and wheels
• Special microcontroller features
    • Power-on reset and programmable brown-out detection
    • Internal and external clock options with PLL and prescaler
    • Programmable multilevel interrupt controller
    • Five sleep modes
    • Programming and debug interfaces
        • PDI (program and debug interface)
• I/O and packages
    • 34 Programmable I/O pins
    • 44 - lead TQFP
    • 44 - pad VQFN/QFN
    • 49 - ball VFBGA
• Operating voltage
    • 1.6 – 3.6V
• Operating frequency
    • 0 – 12MHz from 1.6V
    • 0 – 32MHz from 2.7V




Similar Part No. - ATxmega16A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
806Kb / 69P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
937Kb / 74P
   8/16-bit XMEGA A1 Microcontroller
ATxmega16A4 ATMEL-ATxmega16A4 Datasheet
3Mb / 104P
   8/16-bit XMEGA A4 Microcontroller
ATxmega16A4 ATMEL-ATxmega16A4 Datasheet
3Mb / 107P
   8/16-bit XMEGA A4 Microcontroller
ATXMEGA16A4 ATMEL-ATXMEGA16A4 Datasheet
3Mb / 108P
   8/16-bit XMEGA A4 Microcontroller
More results


Similar Description - ATxmega16A4U-AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3_14 Datasheet
5Mb / 125P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com