Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4081T106R Datasheet (PDF) - Rohm

2SC4081T106R Datasheet PDF - Rohm
Part # 2SC4081T106R
Download  2SC4081T106R Download

File Size   109.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor (50V, 0.15A)

2SC4081T106R Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4081T106R Datasheet PDF - Rohm

Part # 2SC4081T106R
Download  2SC4081T106R Click to download

File Size   109.94 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description General purpose transistor (50V, 0.15A)

2SC4081T106R Datasheet (HTML) - Rohm

2SC4081T106R Datasheet HTML 1Page - Rohm 2SC4081T106R Datasheet HTML 2Page - Rohm 2SC4081T106R Datasheet HTML 3Page - Rohm 2SC4081T106R Datasheet HTML 4Page - Rohm

2SC4081T106R Product details

● Features
1. Low Cob. Cob=2.0pF (Typ.)Cob=2.0pF (Typ.)
2. Complements the 2SA1037AK / 2SA1576A / 2SA1774H / 2SA2029.



Similar Part No. - 2SC4081T106R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081T106Q ROHM-2SC4081T106Q Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
More results


Similar Description - 2SC4081T106R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Renesas Technology Corp
2SC5658T2LR RENESAS-2SC5658T2LR Datasheet
110Kb / 5P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_07 Datasheet
120Kb / 4P
   General purpose transistor(50V, 0.15A)
logo
Littelfuse
2SC2412KT146Q LITTELFUSE-2SC2412KT146Q Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC4617TLR LITTELFUSE-2SC4617TLR Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
logo
Rohm
2SC2412K ROHM-2SC2412K_1 Datasheet
89Kb / 4P
   General purpose transistor (50V, 0.15A)
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
   General Purpose Transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
   General purpose transistor (50V, 0.15A)
2SA1774EB ROHM-2SA1774EB_09 Datasheet
167Kb / 3P
   General Purpose Transistor (50V, 0.15A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com