Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD4145R Datasheet (PDF) - Naina Semiconductor ltd.

SD4145R Datasheet PDF - Naina Semiconductor ltd.
Part # SD4145R
Download  SD4145R Download

File Size   121.91 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 30A

SD4145R Datasheet (PDF)

Go To PDF Page Download Datasheet
SD4145R Datasheet PDF - Naina Semiconductor ltd.

Part # SD4145R
Download  SD4145R Click to download

File Size   121.91 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description Schottky Power Diode, 30A

SD4145R Datasheet (HTML) - Naina Semiconductor ltd.

SD4145R Datasheet HTML 1Page - Naina Semiconductor ltd. SD4145R Datasheet HTML 2Page - Naina Semiconductor ltd.



Similar Part No. - SD4145R

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
SD4145R TEL-SD4145R Datasheet
118Kb / 2P
   SCHOTTKY DIODES STUD TYPE 30 A
logo
GeneSiC Semiconductor, ...
SD4145R GENESIC-SD4145R Datasheet
784Kb / 3P
   Silicon Power Schottky Diode
More results


Similar Description - SD4145R

ManufacturerPart #DatasheetDescription
logo
UnitedSiC.
UJ2D1230K UNITEDSIC-UJ2D1230K Datasheet
517Kb / 4P
   30A - 1200V SiC Schottky Diode
Rev. B, October 2016
logo
Rectron Semiconductor
SC3S06530B RECTRON-SC3S06530B Datasheet
1Mb / 5P
   650V/30A Silicon Carbide Power Schottky Barrier Diode
logo
Silicon Supplies
SIS650S30AS SS-SIS650S30AS Datasheet
1Mb / 3P
   650V 30A SiC Schottky Diode
Rev 1.0 30/10/23
logo
Rectron Semiconductor
SC3S06530A RECTRON-SC3S06530A Datasheet
313Kb / 5P
   650V/30A Silicon Carbide Power Schottky Barrier diode
logo
UnitedSiC.
UJ3D06530TS UNITEDSIC-UJ3D06530TS Datasheet
984Kb / 5P
   30A - 650V SiC Schottky Diode
Rev. B, January 2018
logo
Renesas Technology Corp
RJS6005WDPK RENESAS-RJS6005WDPK Datasheet
64Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
RJS6005WDPK RENESAS-RJS6005WDPK_15 Datasheet
68Kb / 4P
   600V - 30A - Diode SiC Schottky Barrier Diode
logo
GeneSiC Semiconductor, ...
GD30MPS06H GENESIC-GD30MPS06H Datasheet
469Kb / 7P
   650V 30A SiC Schottky MPS??Diode
GD30MPS06J GENESIC-GD30MPS06J Datasheet
530Kb / 7P
   650V 30A SiC Schottky MPS??Diode
logo
Nihon Inter Electronics...
PC80QL03N NIEC-PC80QL03N Datasheet
50Kb / 2P
   Schottky Barrier Diode MODULE 80A/30A
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com