Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5235-EP Datasheet (PDF) - Analog Devices

AD5235-EP Datasheet PDF - Analog Devices
Part # AD5235-EP
Download  AD5235-EP Download

File Size   376.04 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile Memory, Dual 1024-Position Digital Potentiometer

AD5235-EP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5235-EP Datasheet PDF - Analog Devices

Part # AD5235-EP
Download  AD5235-EP Click to download

File Size   376.04 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Nonvolatile Memory, Dual 1024-Position Digital Potentiometer

AD5235-EP Datasheet (HTML) - Analog Devices

Back Button AD5235-EP Datasheet HTML 1Page - Analog Devices AD5235-EP Datasheet HTML 2Page - Analog Devices AD5235-EP Datasheet HTML 3Page - Analog Devices AD5235-EP Datasheet HTML 4Page - Analog Devices AD5235-EP Datasheet HTML 5Page - Analog Devices AD5235-EP Datasheet HTML 6Page - Analog Devices AD5235-EP Datasheet HTML 7Page - Analog Devices AD5235-EP Datasheet HTML 8Page - Analog Devices AD5235-EP Datasheet HTML 9Page - Analog Devices AD5235-EP Datasheet HTML 10Page - Analog Devices Next Button 

AD5235-EP Product details

GENERAL DESCRIPTION

The AD5235-EP is a dual-channel, nonvolatile memory,digitally controlled potentiometer with 1024-step resolution. The device performs the same electronic adjustment function as a mechanical potentiometer with enhanced resolution, solid state reliability, and superior low temperature coefficient performance. The AD5235-EP’s versatile programming via an SPI®-compatible serial interface allows 16 modes of operation and adjustment including scratchpad programming, memory storing and restoring, increment/decrement, ±6 dB/step log taper adjustment, wiper setting readback, and extra EEMEM for user-defined information such as

memory data for other components, look-up tables, or system identification information.



FEATURES

Dual-channel, 1024-position resolution

25 kΩ nominal resistance

Low temperature coefficient: 35 ppm/°C

Nonvolatile memory stores wiper settings

Permanent memory write protection

Wiper setting readback

Resistance tolerance stored in EEMEM

Predefined linear increment/decrement instructions

Predefined ±6 dB/step log taper increment/decrement

instructions

SPI-compatible serial interface

2.7 V to 5 V single supply or ±2.5 V dual supply

26 bytes extra nonvolatile memory for user-defined

information

100-year typical data retention, TA= 55°C

Power-on refreshed with EEMEM settings

Enhanced Features

Supports defense and aerospace applications (AQEC)

Temperature range: −40°C to +125°C

Controlled manufacturing baseline

1 assembly/test site

1 fabrication site

Enhanced product change notification

Qualification data available on request



APPLICATIONS

DWDM laser diode driver, optical supervisory systems

Mechanical potentiometer replacement

Instrumentation: gain, offset adjustment

Programmable voltage-to-current conversion

Programmable filters, delays, time constants

Programmable power supply

Low resolution DAC replacement

Sensor calibration



ELECTRICAL CHARACTERISTICS

VDD= 2.7 V to 5.5 V, VSS= 0 V; VDD= 2.5 V, VSS= −2.5 V, VA= VDD, VB= VSS, −40°C < TA< +125°C, unless otherwise noted.




Similar Part No. - AD5235-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5235 AD-AD5235 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU25 AD-AD5235BRU25 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5235BRU250 AD-AD5235BRU250 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
More results


Similar Description - AD5235-EP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com