Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS-59007-C1-R0 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATS-59007-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATS-59007-C1-R0
Download  ATS-59007-C1-R0 Download

File Size   748.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP

ATS-59007-C1-R0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATS-59007-C1-R0 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATS-59007-C1-R0
Download  ATS-59007-C1-R0 Click to download

File Size   748.99 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP

ATS-59007-C1-R0 Datasheet (HTML) - Advanced Thermal Solutions, Inc.

ATS-59007-C1-R0 Datasheet HTML 1Page - Advanced Thermal Solutions, Inc.



Similar Part No. - ATS-59007-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-59007-C1-R0 ATS-ATS-59007-C1-R0_17 Datasheet
129Kb / 1P
   Comes preassembled with high performance, phase changing, thermal interface material
Rev - 230517
More results


Similar Description - ATS-59007-C1-R0

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-59008-C1-R0 ATS-ATS-59008-C1-R0 Datasheet
748Kb / 1P
   maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 35MM COMP
Rev - 121101
ATS-59003-C1-R0 ATS-ATS-59003-C1-R0 Datasheet
749Kb / 1P
   maxiGRIP™ HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
Rev - 121101
ATS-59004-C1-R0 ATS-ATS-59004-C1-R0 Datasheet
749Kb / 1P
   maxiGRIP™ HS Assembly, T766, BLACK-ANODIZED, 25MM COMP
Rev - 121101
ATS-59010-C1-R0 ATS-ATS-59010-C1-R0 Datasheet
750Kb / 1P
   maxiGRIP HS Assembly, 3M8815, BLACK-ANODIZED, 42.5MM COMP
Rev - 121101
ATS-59009-C1-R0 ATS-ATS-59009-C1-R0 Datasheet
750Kb / 1P
   maxiGRIP HS Assembly, T412, BLACK-ANODIZED, 42.5MM COMP
Rev - 121101
ATS-59006-C1-R0 ATS-ATS-59006-C1-R0 Datasheet
749Kb / 1P
   maxiGRIP HS Assembly, T766, BLACK-ANODIZED, 29MM W/ PED
Rev - 121101
ATS-51250R-C1-R0 ATS-ATS-51250R-C1-R0 Datasheet
994Kb / 1P
   maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51325R-C1-R0 ATS-ATS-51325R-C1-R0 Datasheet
994Kb / 1P
   maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51210D-C1-R0 ATS-ATS-51210D-C1-R0 Datasheet
994Kb / 1P
   maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
ATS-51250K-C1-R0 ATS-ATS-51250K-C1-R0 Datasheet
994Kb / 1P
   maxiFLOW™ maxiGRIP™ HS Assembly- LP, T766, BLACK- ANODIZED
Rev - 121101
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com