Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7805-Q12-S1R5-S Datasheet (PDF) - CUI INC

P7805-Q12-S1R5-S Datasheet PDF - CUI INC
Part # P7805-Q12-S1R5-S
Download  P7805-Q12-S1R5-S Download

File Size   480.24 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description NON-ISOLATED SWITCHING REGULATOR

P7805-Q12-S1R5-S Datasheet (PDF)

Go To PDF Page Download Datasheet
P7805-Q12-S1R5-S Datasheet PDF - CUI INC

Part # P7805-Q12-S1R5-S
Download  P7805-Q12-S1R5-S Click to download

File Size   480.24 Kbytes
Page   6 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description NON-ISOLATED SWITCHING REGULATOR

P7805-Q12-S1R5-S Datasheet (HTML) - CUI INC

P7805-Q12-S1R5-S Datasheet HTML 1Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 2Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 3Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 4Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 5Page - CUI INC P7805-Q12-S1R5-S Datasheet HTML 6Page - CUI INC

P7805-Q12-S1R5-S Product details

DESCRIPTION: NON-ISOLATED SWITCHING REGULATOR

FEATURES
• up to 500 mA current output
• operating temperature range (-40~85°C)
• pin comparable to LM78 linear regulators
• wider input range
• suited for negative output applications
• low ripple and noise
• efficiency up to 96%




Similar Part No. - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
P7805-Q12-S1R5-S CUI-P7805-Q12-S1R5-S Datasheet
534Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
More results


Similar Description - P7805-Q12-S1R5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
V78-1000 CUI-V78-1000 Datasheet
578Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
V78-1500 CUI-V78-1500 Datasheet
670Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500 CUI-V78-500_V01 Datasheet
457Kb / 7P
   NON-ISOLATED SWITCHING REGULATOR
06/24/2019
V78-1500 CUI-V78-1500_V01 Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P78-2000R-S CUI-P78-2000R-S Datasheet
1Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
08/08/2022
V78-1000 CUI-V78-1000_V01 Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/22/2021
P783-S CUI-P783-S Datasheet
1Mb / 7P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
V7802-1000-SMT CUI-V7802-1000-SMT Datasheet
453Kb / 6P
   NON-ISOLATED SWITCHING REGULATOR
V78-500-SMT CUI-V78-500-SMT_V01 Datasheet
1Mb / 8P
   NON-ISOLATED SWITCHING REGULATOR
08/17/2021
P78-2000-S CUI-P78-2000-S Datasheet
2Mb / 6P
   NON-ISOLATED SWITCHING REGULATOR
09/23/2021
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com