Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1112S Datasheet (PDF) - Fairchild Semiconductor

FAN1112S Datasheet PDF - Fairchild Semiconductor
Part # FAN1112S
Download  FAN1112S Download

File Size   39.18 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1A 1.2V Low Dropout Linear Regulator

FAN1112S Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN1112S Datasheet PDF - Fairchild Semiconductor

Part # FAN1112S
Download  FAN1112S Click to download

File Size   39.18 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 1A 1.2V Low Dropout Linear Regulator

FAN1112S Datasheet (HTML) - Fairchild Semiconductor

FAN1112S Datasheet HTML 1Page - Fairchild Semiconductor FAN1112S Datasheet HTML 2Page - Fairchild Semiconductor FAN1112S Datasheet HTML 3Page - Fairchild Semiconductor FAN1112S Datasheet HTML 4Page - Fairchild Semiconductor FAN1112S Datasheet HTML 5Page - Fairchild Semiconductor FAN1112S Datasheet HTML 6Page - Fairchild Semiconductor FAN1112S Datasheet HTML 7Page - Fairchild Semiconductor FAN1112S Datasheet HTML 8Page - Fairchild Semiconductor

FAN1112S Product details

Description

The FAN1112 is a 1.2V low dropout three-terminal regulator with 1A output current capability. The device has been optimized for low voltage wheretransient response and minimum input voltage are critical.



Features

• Low dropout voltage

• Load regulation: 0.05% typical

• Trimmed current limit

• On-chip thermal limiting

• Standard SOT-223 and TO-252 packages

• Three-terminal fixed 1.2V



Applications

• Post regulator for switching supplies

• Supply for low-voltage processors




Similar Part No. - FAN1112S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results


Similar Description - FAN1112S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com