Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1084D33 Datasheet (PDF) - Fairchild Semiconductor

FAN1084D33 Datasheet PDF - Fairchild Semiconductor
Part # FAN1084D33
Download  FAN1084D33 Download

File Size   128.67 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4.5A Adjustable/Fixed Low Dropout Linear Regulator

FAN1084D33 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN1084D33 Datasheet PDF - Fairchild Semiconductor

Part # FAN1084D33
Download  FAN1084D33 Click to download

File Size   128.67 Kbytes
Page   13 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 4.5A Adjustable/Fixed Low Dropout Linear Regulator

FAN1084D33 Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN1084D33 Datasheet HTML 1Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 2Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 3Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 4Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 5Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 6Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 7Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 8Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 9Page - Fairchild Semiconductor FAN1084D33 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN1084D33 Product details

Description
The FAN1084, FAN1084-1.5, and FAN1084-3.3 are low dropout three-terminal regulators with 4.5A output current capability. These devices have been optimized for low voltage applications including VTT bus termination, where transient response and minimum input voltage are critical. The FAN1084 is ideal for low voltage microprocessor applications requiring a regulated output from 1.5V to 3.6A with an input supply of 5V or less. The FAN1084-1.5 offers fixed 1.5V with 4.5A current capabilities for GTL+ bus VTT termination. The FAN1084-3.3 offers a fixed 3.3V output at 4.5A.
On-chip thermal limiting provides protection against any combination of overload and ambient temperature that would create excessive junction temperatures.
The FAN1084 series regulators are available in the industry standard TO-220, TO-263 center cut, and TO-252 (DPAK) power packages.

Features
• Fast transient response
• Low dropout voltage at up to 4.5A
• Load regulation: 0.5% typical
• On-chip thermal limiting
• Standard TO-220, TO-263 center cut, and TO-252 packages

Applications
• Desktop PCs, RISC and embedded processors’ supply
• GTL, SSTL logic Reference bus supply
• Low voltage VCC logic supply
• Battery-powered circuitry
• Post regulator for switching supply
• Cable and ADSL modems’ DSP core supply
• Set Top Boxes and Web Boxes modules’ supply




Similar Part No. - FAN1084D33

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results


Similar Description - FAN1084D33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com