Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN2503 Datasheet (PDF) - Fairchild Semiconductor

FAN2503 Datasheet PDF - Fairchild Semiconductor
Part # FAN2503
Download  FAN2503 Download

File Size   255.88 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150 mA CMOS LDO Regulators

FAN2503 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN2503 Datasheet PDF - Fairchild Semiconductor

Part # FAN2503
Download  FAN2503 Click to download

File Size   255.88 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 150 mA CMOS LDO Regulators

FAN2503 Datasheet (HTML) - Fairchild Semiconductor

FAN2503 Datasheet HTML 1Page - Fairchild Semiconductor FAN2503 Datasheet HTML 2Page - Fairchild Semiconductor FAN2503 Datasheet HTML 3Page - Fairchild Semiconductor FAN2503 Datasheet HTML 4Page - Fairchild Semiconductor FAN2503 Datasheet HTML 5Page - Fairchild Semiconductor FAN2503 Datasheet HTML 6Page - Fairchild Semiconductor FAN2503 Datasheet HTML 7Page - Fairchild Semiconductor FAN2503 Datasheet HTML 8Page - Fairchild Semiconductor FAN2503 Datasheet HTML 9Page - Fairchild Semiconductor FAN2503 Datasheet HTML 10Page - Fairchild Semiconductor

FAN2503 Product details

Description
The FAN2502/03 family of micropower low-dropout voltage regulators utilize CMOS technology to offer a new level of cost-effective performance in GSM and TDMA cellular handsets, Laptop and Notebook portable computers, and other portable devices.
   
Features
• Ultra Low Power Consumption
• 150 mV dropout voltage at 150 mA
• 25 µA ground current at 150 mA
• Enable/Shutdown Control
• SOT23-5 package
• Thermal limiting
• 300 mA peak current
   
Applications
• Cellular Phones and accessories
• PDAs
• Portable cameras and video recorders
• Laptop, notebook and palmtop computers
   




Similar Part No. - FAN2503

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN2503S33X ONSEMI-FAN2503S33X Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
More results


Similar Description - FAN2503

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2502 FAIRCHILD-FAN2502_10 Datasheet
264Kb / 10P
   150 mA CMOS LDO Regulators
FAN2512 FAIRCHILD-FAN2512 Datasheet
295Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
FAN2512 FAIRCHILD-FAN2512_10 Datasheet
305Kb / 10P
   150 mA CMOS LDO Regulators with Fast Start Enable
logo
ON Semiconductor
NCV8502 ONSEMI-NCV8502_08 Datasheet
174Kb / 14P
   Micropower 150 mA LDO Linear Regulators
October, 2008 ??Rev. 31
NCV8501 ONSEMI-NCV8501_09 Datasheet
184Kb / 16P
   Micropower 150 mA LDO Linear Regulators
January, 2009 ??Rev. 29
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
logo
Fairchild Semiconductor
FAN2500 FAIRCHILD-FAN2500 Datasheet
251Kb / 10P
   100 mA CMOS LDO Regulators
FAN2508S28X FAIRCHILD-FAN2508S28X Datasheet
256Kb / 10P
   50 mA CMOS LDO Regulators
FAN2500 FAIRCHILD-FAN2500_10 Datasheet
499Kb / 10P
   100 mA CMOS LDO Regulators
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com