Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN4230 Datasheet (PDF) - Fairchild Semiconductor

FAN4230 Datasheet PDF - Fairchild Semiconductor
Part # FAN4230
Download  FAN4230 Download

File Size   98.01 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier

FAN4230 Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN4230 Datasheet PDF - Fairchild Semiconductor

Part # FAN4230
Download  FAN4230 Click to download

File Size   98.01 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual, High Speed, 2.5V to 12V, Rail-to-Rail Amplifier

FAN4230 Datasheet (HTML) - Fairchild Semiconductor

FAN4230 Datasheet HTML 1Page - Fairchild Semiconductor FAN4230 Datasheet HTML 2Page - Fairchild Semiconductor FAN4230 Datasheet HTML 3Page - Fairchild Semiconductor FAN4230 Datasheet HTML 4Page - Fairchild Semiconductor FAN4230 Datasheet HTML 5Page - Fairchild Semiconductor

FAN4230 Product details

Description

The FAN4230 is a dual, low cost, high performance, voltage feedback amplifier that consumes only 2.5mA of supply current while providing ±130mA of output short circuit current. The FAN4230 is designed to operate from 2.5V to 12V (±6V) supplies. The common mode voltage range extends below the negative rail and the output provides rail to-rail performance.



Features at ±5V

• 2.5mA supply current per amplifier

• 358MHz bandwidth

• Output voltage range at RL = 150Ω: -4.9V to 4.81V

• Input includes negative rail

• 217V/µs slew rate

• ±130mA output short circuit current

• 12nV/√Hz input voltage noise

• Competes with AD8052 and LMH6643

• Package options (MSOP-8 and SOIC-8)

• Fully specified at +3V, +5V, and ±5V supplies



Applications

• A/D driver

• Active filters

• CCD imaging systems

• CD/DVD ROM

• Coaxial cable drivers

• Portable/battery-powered applications

• Twisted pair driver

• Video driver




Similar Part No. - FAN4230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4272 FAIRCHILD-FAN4272 Datasheet
289Kb / 11P
   Dual, Low Cost, 2.7V & 5V, Rail-to-Rail I/O Amplifier
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274 FAIRCHILD-FAN4274 Datasheet
1Mb / 13P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
511Kb / 14P
   Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
FAN4274IMU8X FAIRCHILD-FAN4274IMU8X Datasheet
1Mb / 15P
   Single and Dual, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
More results


Similar Description - FAN4230

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3131 FAIRCHILD-FHP3131 Datasheet
598Kb / 17P
   0.4mA, 2.5V to 12V, 70MHz Rail-to-Rail Amplifier
FHP3130 FAIRCHILD-FHP3130 Datasheet
848Kb / 22P
   Single, Dual, and Quad, High Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
FHP3130 FAIRCHILD-FHP3130_06 Datasheet
1Mb / 23P
   Single, Dual, and Quad, High-Speed, 2.7V to 12V, Rail-to-Rail Amplifiers
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
logo
E-CMOS Corporation
EC5911 E-CMOS-EC5911 Datasheet
470Kb / 6P
   200MHz, High-Speed, CMOS, Rail-to-Rail Operational Amplifier
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
logo
Fairchild Semiconductor
FHP3132 FAIRCHILD-FHP3132 Datasheet
718Kb / 16P
   Single and Dual, High-Speed, Rail-to-Rail Amplifiers
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
   RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
April 1999
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
   Dual 350kHz Rail-to-Rail Operational Amplifier
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com