Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7527BN Datasheet (PDF) - Fairchild Semiconductor

FAN7527BN Datasheet PDF - Fairchild Semiconductor
Part # FAN7527BN
Download  FAN7527BN Download

File Size   395.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor Correction Controller

FAN7527BN Datasheet (PDF)

Go To PDF Page Download Datasheet
FAN7527BN Datasheet PDF - Fairchild Semiconductor

Part # FAN7527BN
Download  FAN7527BN Click to download

File Size   395.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Power Factor Correction Controller

FAN7527BN Datasheet (HTML) - Fairchild Semiconductor

Back Button FAN7527BN Datasheet HTML 1Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 2Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 3Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 4Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 5Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 6Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 7Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 8Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 9Page - Fairchild Semiconductor FAN7527BN Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FAN7527BN Product details

Description

The FAN7527B provides simple and high performance active power factor correction. The FAN7527B is optimized for electronic ballasts and low power and high density power supplies which require minimum board size, reduced external components and low power dissipation. Because the R/C filter is included in the current sense block, the external R/C filter is not necessary. Special circuitry has also been added to prevent no load runaway conditions. Regardless of the supply voltage, the output drive clamping circuit limits the overshoot of the power MOSFET gate drive. It greatly enhances the system reliability.



Features

• Internal start-up timer

• Internal R/C filter eliminates the need for an external R/C filter

• Very precise adjustable output over voltage protection

• Zero current detector

• One quadrant multiplier

• Trimmed 1.5% internal band gap reference

• Under voltage lockout with 3V of hysteresis

• Totem pole output with high state clamp

• Low start-up and operating current

• 8-Pin DIP or 8-Pin SOP



Applications

• Electronic ballast

•SMPS




Similar Part No. - FAN7527BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
403Kb / 12P
   Power Factor Correction Controller
FAN7527BN FAIRCHILD-FAN7527BN Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results


Similar Description - FAN7527BN

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
FAN7527B FAIRCHILD-FAN7527B_03 Datasheet
403Kb / 12P
   Power Factor Correction Controller
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com