Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC6303N Datasheet (PDF) - Fairchild Semiconductor

FDC6303N Datasheet PDF - Fairchild Semiconductor
Part # FDC6303N
Download  FDC6303N Download

File Size   72.12 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Digital FET, Dual N-Channel

FDC6303N Datasheet (PDF)

Go To PDF Page Download Datasheet
FDC6303N Datasheet PDF - Fairchild Semiconductor

Part # FDC6303N
Download  FDC6303N Click to download

File Size   72.12 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Digital FET, Dual N-Channel

FDC6303N Datasheet (HTML) - Fairchild Semiconductor

FDC6303N Datasheet HTML 1Page - Fairchild Semiconductor FDC6303N Datasheet HTML 2Page - Fairchild Semiconductor FDC6303N Datasheet HTML 3Page - Fairchild Semiconductor FDC6303N Datasheet HTML 4Page - Fairchild Semiconductor

FDC6303N Product details

General Description
These dual N-Channel logic level enhancement mode field effect transistors are produced using Fairchilds proprietary, high cell density, DMOS technology. This very high density process is especially tailored to minimize on-state resistance. This device has been designed especially for low voltage applications as a replacement for digital transistors in load switching applications. Since bias resistors are not required this one N-Channel FET can replace several digital transistors with different bias resistors like the IMHxA series.

Features
■ 25 V, 0.68 A continuous, 2 A Peak.
   RDS(ON) = 0.6 W @ VGS = 2.7 V
   RDS(ON) = 0.45 W @ VGS= 4.5 V.
■ Very low level gate drive requirements allowing direct
   operation in 3V circuits. VGS(th) < 1.5 V.
■ Gate-Source Zener for ESD ruggedness.
   >6kV Human Body Model
■ Replace multiple NPN digital transistors (IMHxA series)
   with one DMOS FET.




Similar Part No. - FDC6303N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6301 FAIRCHILD-FDC6301 Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results


Similar Description - FDC6303N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG6301N FAIRCHILD-FDG6301N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6313N FAIRCHILD-FDG6313N Datasheet
58Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
FDG6301N_F085 FAIRCHILD-FDG6301N_F085 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
logo
ON Semiconductor
FDG6301N-F085 ONSEMI-FDG6301N-F085 Datasheet
640Kb / 6P
   Dual N-Channel, Digital FET
September, 2019 - Rev. 3
logo
Shenzhen Huazhimei Semi...
HM2302BWSR HMSEMI-HM2302BWSR Datasheet
199Kb / 5P
   Dual N-Channel Digital FET
logo
Fairchild Semiconductor
FDG6303N FAIRCHILD-FDG6303N_01 Datasheet
413Kb / 5P
   Dual N-Channel, Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDG6303N FAIRCHILD-FDG6303N Datasheet
226Kb / 8P
   Dual N-Channel, Digital FET
FDG6301N FAIRCHILD-FDG6301N_09 Datasheet
351Kb / 5P
   Dual N-Channel, Digital FET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com