Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40MT120UHAPBF Datasheet (PDF) - Vishay Siliconix

40MT120UHAPBF Datasheet PDF - Vishay Siliconix
Part # 40MT120UHAPBF_13
Download  40MT120UHAPBF Download

File Size   329.16 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A

40MT120UHAPBF Datasheet (PDF)

Go To PDF Page Download Datasheet
40MT120UHAPBF Datasheet PDF - Vishay Siliconix

Part # 40MT120UHAPBF_13
Download  40MT120UHAPBF Click to download

File Size   329.16 Kbytes
Page   12 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A

40MT120UHAPBF Datasheet (HTML) - Vishay Siliconix

Back Button 40MT120UHAPBF_13 Datasheet HTML 1Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 2Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 3Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 4Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 5Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 6Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 7Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 8Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 9Page - Vishay Siliconix 40MT120UHAPBF_13 Datasheet HTML 10Page - Vishay Siliconix Next Button 



Similar Part No. - 40MT120UHAPBF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
330Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
More results


Similar Description - 40MT120UHAPBF_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40MT120UHAPBF VISHAY-40MT120UHAPBF Datasheet
330Kb / 12P
   Half Bridge IGBT MTP (Ultrafast NPT IGBT), 80 A
Revision: 01-Mar-10
logo
International Rectifier
40MT120UH IRF-40MT120UH Datasheet
678Kb / 13P
   HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
logo
Vishay Siliconix
20MT120UFAPBF VISHAY-20MT120UFAPBF Datasheet
222Kb / 11P
   "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 20 A
Revision: 03-Aug-10
20MT120UFP VISHAY-20MT120UFP Datasheet
317Kb / 11P
   "Full Bridge" IGBT MTP (Ultrafast NPT IGBT), 40 A
Revision: 01-Mar-10
VS-20MT120UFAPBF VISHAY-VS-20MT120UFAPBF Datasheet
230Kb / 11P
   “Full Bridge” IGBT MTP (Ultrafast NPT IGBT), 20 A
Revision: 10-Jun-15
VS-50MT060PHTAPBF VISHAY-VS-50MT060PHTAPBF_V01 Datasheet
199Kb / 9P
   “Half Bridge” IGBT MTP, 121 A
01-Jan-2023
logo
International Rectifier
50MT060WHA IRF-50MT060WHA Datasheet
144Kb / 7P
   HALF-BRIDGE IGBT MTP
50MT060WH IRF-50MT060WH Datasheet
71Kb / 7P
   HALF-BRIDGE IGBT MTP
logo
Vishay Siliconix
VS-50MT060WHTAPBF VISHAY-VS-50MT060WHTAPBF Datasheet
154Kb / 6P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 10-Jun-15
50MT060WHTAPBF VISHAY-50MT060WHTAPBF Datasheet
138Kb / 7P
   Half Bridge IGBT MTP (Warp Speed IGBT), 114 A
Revision: 01-Mar-10
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com