Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDB6644 Datasheet (PDF) - Fairchild Semiconductor

FDB6644 Datasheet PDF - Fairchild Semiconductor
Part # FDB6644
Download  FDB6644 Download

File Size   80.46 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench MOSFET

FDB6644 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDB6644 Datasheet PDF - Fairchild Semiconductor

Part # FDB6644
Download  FDB6644 Click to download

File Size   80.46 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 30V N-Channel PowerTrench MOSFET

FDB6644 Datasheet (HTML) - Fairchild Semiconductor

FDB6644 Datasheet HTML 1Page - Fairchild Semiconductor FDB6644 Datasheet HTML 2Page - Fairchild Semiconductor FDB6644 Datasheet HTML 3Page - Fairchild Semiconductor FDB6644 Datasheet HTML 4Page - Fairchild Semiconductor FDB6644 Datasheet HTML 5Page - Fairchild Semiconductor

FDB6644 Product details

General Description
This N-Channel MOSFET has been designed specifically to improve the overall efficiency of DC/DC converters using either synchronous or conventional switching PWM controllers.
   
Features
• 50 A, 30 V. RDS(ON) = 8.5 mΩ @ VGS = 10 V
                     RDS(ON) = 10.5 mΩ @ VGS = 4.5 V
• Low gate charge (27 nC typical)
• Fast switching speed
• High performance trench technology for extremely
    low RDS(ON)
• 175°C maximum junction temperature rating
   




Similar Part No. - FDB6644

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB6670AL FAIRCHILD-FDB6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDB6670AS FAIRCHILD-FDB6670AS Datasheet
789Kb / 7P
   30V N-Channel PowerTrench짰 SyncFET?
FDB6670AS_NL FAIRCHILD-FDB6670AS_NL Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDB6670S FAIRCHILD-FDB6670S Datasheet
93Kb / 5P
   30V N-Channel PowerTrench SyncFET
More results


Similar Description - FDB6644

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDS6692 FAIRCHILD-FDS6692 Datasheet
62Kb / 4P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com