Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDS6570A Datasheet (PDF) - Fairchild Semiconductor

FDS6570A Datasheet PDF - Fairchild Semiconductor
Part # FDS6570A
Download  FDS6570A Download

File Size   201.71 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel 2.5V Specified PowerTrench MOSFET

FDS6570A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6570A Datasheet PDF - Fairchild Semiconductor

Part # FDS6570A
Download  FDS6570A Click to download

File Size   201.71 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single N-Channel 2.5V Specified PowerTrench MOSFET

FDS6570A Datasheet (HTML) - Fairchild Semiconductor

FDS6570A Datasheet HTML 1Page - Fairchild Semiconductor FDS6570A Datasheet HTML 2Page - Fairchild Semiconductor FDS6570A Datasheet HTML 3Page - Fairchild Semiconductor FDS6570A Datasheet HTML 4Page - Fairchild Semiconductor FDS6570A Datasheet HTML 5Page - Fairchild Semiconductor FDS6570A Datasheet HTML 6Page - Fairchild Semiconductor FDS6570A Datasheet HTML 7Page - Fairchild Semiconductor FDS6570A Datasheet HTML 8Page - Fairchild Semiconductor

FDS6570A Product details

General Description
This N-Channel 2.5V specified MOSFET is produced using Fairchild Semiconductors advanced PowerTrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
• 15 A, 20 V. RDS(on) = 0.0075 Ω @ VGS = 4.5 V RDS(on) = 0.010 Ω @ VGS = 2.5 V.
• Low gate charge (47nC typical).
• Fast switching speed.
• High performance trench technology for extremely low RDS(ON).
• High power and current handling capability.

Applications
• DC/DC converter
• Load switch
• Battery protection




Similar Part No. - FDS6570A

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
FDS6570A UMW-FDS6570A Datasheet
393Kb / 6P
   30V N-Channel MOSFET
More results


Similar Description - FDS6570A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI3446DV FAIRCHILD-SI3446DV Datasheet
93Kb / 5P
   Single N-Channel, 2.5V Specified PowerTrench MOSFET
SI4466DY FAIRCHILD-SI4466DY Datasheet
80Kb / 5P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ Datasheet
182Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDMA430NZ FAIRCHILD-FDMA430NZ Datasheet
638Kb / 7P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY300NZ FAIRCHILD-FDY300NZ_07 Datasheet
270Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDY301NZ FAIRCHILD-FDY301NZ Datasheet
191Kb / 6P
   Single N-Channel 2.5V Specified PowerTrench MOSFET
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
   N-Channel 2.5V Specified PowerTrench MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com