Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADAU1761 Datasheet (PDF) - Analog Devices

ADAU1761 Datasheet PDF - Analog Devices
Part # ADAU1761
Download  ADAU1761 Download

File Size   1103.63 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL

ADAU1761 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADAU1761 Datasheet PDF - Analog Devices

Part # ADAU1761
Download  ADAU1761 Click to download

File Size   1103.63 Kbytes
Page   92 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL

ADAU1761 Datasheet (HTML) - Analog Devices

Back Button ADAU1761 Datasheet HTML 1Page - Analog Devices ADAU1761 Datasheet HTML 2Page - Analog Devices ADAU1761 Datasheet HTML 3Page - Analog Devices ADAU1761 Datasheet HTML 4Page - Analog Devices ADAU1761 Datasheet HTML 5Page - Analog Devices ADAU1761 Datasheet HTML 6Page - Analog Devices ADAU1761 Datasheet HTML 7Page - Analog Devices ADAU1761 Datasheet HTML 8Page - Analog Devices ADAU1761 Datasheet HTML 9Page - Analog Devices ADAU1761 Datasheet HTML 10Page - Analog Devices Next Button 

ADAU1761 Product details

GENERAL DESCRIPTION

The ADAU1761 is a low power, stereo audio codec with integrated digital audio processing that supports stereo 48 kHz record and playback at 14 mW from a 1.8 V analog supply. The stereo audio ADCs and DACs support sample rates from 8 kHz to 96 kHz as well as a digital volume control.

The SigmaDSP® core features 28-bit processing (56-bit double precision). The processor allows system designers to compensate for the real-world limitations of microphones, speakers, amplifiers, and listening environments, resulting in a dramatic improvement in the perceived audio quality through equalization, multiband compression, limiting, and third-party branded algorithms.



FEATURES

  SigmaDSP 28-/56-bit, 50 MIPS digital audio processor

  Fully programmable with SigmaStudio graphical tool

  24-bit stereo audio ADC and DAC: >98 dB SNR

  Sampling rates from 8 kHz to 96 kHz

  Low power: 7 mW record, 7 mW playback, 48 kHz at 1.8 V

  6 analog input pins, configurable for single-ended or differential inputs

  Flexible analog input/output mixers

  Stereo digital microphone input

  Analog outputs: 2 differential stereo, 2 single-ended stereo, 1 mono headphone output driver

  PLL supporting input clocks from 8 MHz to 27 MHz

  Analog automatic level control (ALC)

  Microphone bias reference voltage

  Analog and digital I/O: 1.8 V to 3.65 V

  I2C and SPI control interfaces

  Digital audio serial data I/O: stereo and time-division multiplexing (TDM) modes

  Software-controllable clickless mute

  Software power-down

  GPIO pins for digital controls and outputs

  32-lead, 5 mm × 5 mm LFCSP

  −40°C to +85°C operating temperature range



APPLICATIONS

  Smartphones/multimedia phones

  Digital still cameras/digital video cameras

  Portable media players/portable audio players

  Phone accessories products



 




Similar Part No. - ADAU1761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1761 AD-ADAU1761 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
ADAU1761 AD-ADAU1761 Datasheet
1Mb / 93P
   Audio Codec
ADAU1761BCPZ AD-ADAU1761BCPZ Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
ADAU1761BCPZ AD-ADAU1761BCPZ Datasheet
1Mb / 93P
   Audio Codec
ADAU1761BCPZ-R7 AD-ADAU1761BCPZ-R7 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
More results


Similar Description - ADAU1761

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAU1461 AD-ADAU1461 Datasheet
1Mb / 88P
   SigmaDSP Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. 0
ADAU1361BCPZ AD-ADAU1361BCPZ Datasheet
863Kb / 80P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
Rev. C
ADAU1961 AD-ADAU1961 Datasheet
985Kb / 76P
   Stereo, Low Power, 96 kHz, 24-Bit Audio Codec with Integrated PLL
REV. A
logo
Texas Instruments
TLC320AD77 TI1-TLC320AD77 Datasheet
397Kb / 33P
[Old version datasheet]   24-Bit 96 kHz Stereo Audio Codec
TLC320AD77C TI-TLC320AD77C Datasheet
215Kb / 31P
[Old version datasheet]   24-BIT 96 kHz STEREO AUDIO CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
Texas Instruments
PCM3010DBRG4 TI1-PCM3010DBRG4 Datasheet
616Kb / 35P
[Old version datasheet]   24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
logo
Analog Devices
ADAU1761 AD-ADAU1761_17 Datasheet
882Kb / 93P
   24-Bit Audio Codec with Integrated PLL
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270 Datasheet
730Kb / 48P
   24-Bit, 192 kHz Stereo Audio CODEC
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com