Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN1531MTC Datasheet (PDF) - Fairchild Semiconductor

FIN1531MTC Datasheet PDF - Fairchild Semiconductor
Part # FIN1531MTC
Download  FIN1531MTC Download

File Size   206.67 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5V LVDS 4-Bit High Speed Differential Driver

FIN1531MTC Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1531MTC Datasheet PDF - Fairchild Semiconductor

Part # FIN1531MTC
Download  FIN1531MTC Click to download

File Size   206.67 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 5V LVDS 4-Bit High Speed Differential Driver

FIN1531MTC Datasheet (HTML) - Fairchild Semiconductor

FIN1531MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1531MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1531MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1531MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1531MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1531MTC Datasheet HTML 6Page - Fairchild Semiconductor

FIN1531MTC Product details

General Description
This quad driver is designed for high speed interconnects utilizing Low Voltage Differential Signaling (LVDS) technology. The driver translates 5V TTL/CMOS signal levels to LVDS levels with a typical differential output swing of 350 mV which provides low EMI at ultra low power dissipation even at high frequencies. This device is ideal for high speed transfer of clock and data.
The FIN1531 can be paired with its companion receiver, the FIN1532, or with any other Fairchild LVDS receiver.
   
Features
■ Greater than 400Mbs data rate
■ 5V power supply operation
■ 400ps max differential pulse skew
■ 2.0ns maximum propagation delay
■ Low power dissipation
■ Power-Off protection
■ Meets or exceeds the TIA/EIA-644 LVDS standard
■ Pin compatible with equivalent RS-422 and
    PECL devices
■ 16-Lead SOIC and TSSOP packages save space
   




Similar Part No. - FIN1531MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532M FAIRCHILD-FIN1532M Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results


Similar Description - FIN1531MTC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532 FAIRCHILD-FIN1532 Datasheet
246Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTCX FAIRCHILD-FIN1532MTCX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1047 ONSEMI-FIN1047 Datasheet
417Kb / 11P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
Revised August 2003
logo
Fairchild Semiconductor
FIN1047MX FAIRCHILD-FIN1047MX Datasheet
318Kb / 9P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com