Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-901J Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-901J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-901J
Download  HCPL-901J Download

File Size   357.94 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed Digital Isolators 15 ns max. propagation delay

HCPL-901J Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-901J Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-901J
Download  HCPL-901J Click to download

File Size   357.94 Kbytes
Page   14 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Speed Digital Isolators 15 ns max. propagation delay

HCPL-901J Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-901J Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-901J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-901J Product details

Description

The HCPL-90xx and HCPL-09xx CMOS digital isolators feature high speed performance and excellent transient immunity specifications. The symmetric magnetic coupling barrier gives these devices a   typical pulse width distortion of 2 ns, a typical propagation delay skew of 4 ns and 100 Mbaud data rate, making them the indus try’s fastest digital isolators.



Features

•  +3.3V and +5V TTL/CMOS compatible

•  3 ns max. pulse width distortion

•  6 ns max. propagation delay skew

•  15 ns max. propagation delay

•  High speed: 100 MBd

•  15 kV/µs min. common mode rejection

•  Tri-state output (HCPL-9000/-0900)

•  2500 V RMS isolation

•  UL1577 and IEC 61010-1 approved




Similar Part No. - HCPL-901J

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-901J HP-HCPL-901J Datasheet
449Kb / 12P
   High Speed Digital Isolators
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-901J AVAGO-HCPL-901J Datasheet
357Kb / 14P
   High Speed Digital Isolators
HCPL-901J-000E AVAGO-HCPL-901J-000E Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-901J-500 AVAGO-HCPL-901J-500 Datasheet
319Kb / 14P
   High Speed Digital Isolators
HCPL-901J-500E AVAGO-HCPL-901J-500E Datasheet
319Kb / 14P
   High Speed Digital Isolators
More results


Similar Description - HCPL-901J

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-P343 AVAGO-ACPL-P343 Datasheet
283Kb / 20P
   200 ns maximum propagation delay
ACNV3130 AVAGO-ACNV3130 Datasheet
177Kb / 14P
   500 ns maximum propagation delay
HCPL-7721-520 AVAGO-HCPL-7721-520 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
HCPL-0720 AVAGO-HCPL-0720 Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler High speed: 25 MBd
logo
Fairchild Semiconductor
MM74HC573WM FAIRCHILD-MM74HC573WM Datasheet
104Kb / 8P
   Typical propagation delay: 18 ns
logo
Broadcom Corporation.
HCPL-0720 BOARDCOM-HCPL-0720 Datasheet
903Kb / 21P
   40-ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0720-500E AVAGO-HCPL-0720-500E Datasheet
292Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7710 HP-HCPL-7710 Datasheet
454Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7710-000E AVAGO-HCPL-7710-000E Datasheet
305Kb / 18P
   40 ns Propagation Delay, CMOS Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-7720 HP-HCPL-7720 Datasheet
305Kb / 18P
   40 ns Propagation Delay CMOS Optocoupler
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com