Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0453 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-0453 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-0453
Download  HCPL-0453 Download

File Size   341.03 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers TTL compatible

HCPL-0453 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-0453 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-0453
Download  HCPL-0453 Click to download

File Size   341.03 Kbytes
Page   16 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Single Channel, High Speed Optocouplers TTL compatible

HCPL-0453 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-0453 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-0453 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HCPL-0453 Product details

Description

These diode-transistor opto coup lers use an insulating layer between a LED and an integrated photodetector to provide elec trical in su lation between input and out put. Separate connections for the photodiode bias and out put-transistor collector increase the speed up to a hun dred times that of a conven tional phototransistor coupler by reduc ing the base-collector capacitance.



Features

• 15 kV/µs minimum common mode transient immunity at VCM = 1500 V

• High speed: 1 Mb/s

• TTL compatible

• Available in 8-Pin DIP, SO-8, widebody packages

• Open collector output

• Guaranteed performance from temperature: 0°C to 70°C

• Safety approval

UL Recognized – 3750 Vrms for 1 minute (5000 Vrms for 1 minute for HCNW and Option 020 devices) per UL1577 CSA Approved

IEC/EN/DIN EN 60747-5-5 Approved

   – VIORM = 630 V peak for HCPL-4503#060

   – VIORM = 1414 V peak for HCNW devices

• Dual channel version available (4534/0534)

• MIL-PRF-38534 hermetic version available (55XX/65XX/4N55)



Applications

• High voltage insulation

• Video signal isolation

• Power transistor isolation in motor drives

• Line receivers

• Feedback element in switched mode power supplies

• High speed logic ground isolation

– TTL/TTL, TTL/CMOS, TTL/LSTTL

• Replaces pulse transformers

• Replaces slow phototransistor isolators

• Analog signal ground isolation



 




Similar Part No. - HCPL-0453

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0453 HP-HCPL-0453 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
HCPL-0453 HP-HCPL-0453 Datasheet
89Kb / 8P
   Small Outline, 5 Lead, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0453 AVAGO-HCPL-0453 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0453-000E AVAGO-HCPL-0453-000E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-0453-020 HP-HCPL-0453-020 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Similar Description - HCPL-0453

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N135 AVAGO-6N135 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com