Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NMA2409SC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NMA2409SC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NMA2409SC
Download  NMA2409SC Download

File Size   126.19 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 1W Dual Output DC/DC Converters

NMA2409SC Datasheet (PDF)

Go To PDF Page Download Datasheet
NMA2409SC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NMA2409SC
Download  NMA2409SC Click to download

File Size   126.19 Kbytes
Page   4 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 1W Dual Output DC/DC Converters

NMA2409SC Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NMA2409SC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMA2409SC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMA2409SC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMA2409SC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.

NMA2409SC Product details

DESCRIPTION
The NMA series of DC/DC converters are the standard buliding blocks for on-board distributed power systems. They are ideally suited for providing dual rail supplies on primarily digital boards with the added benefi t of galvanic isolation to reduce switching noise. All of the rated power may be drawn from a single pin provided the total load does not exceed 1 watt.

FEATURES
■ RoHS compliant
■ Effi ciency up to 80%
■ Power density up to 0.85W/cm3
■ Dual output from a single input rail
■ UL 94V-0 package material
■ No heatsink required
■ Footprint from 1.17cm2
■ Industry standard pinout
■ Power sharing on output
■ 1kVDC isolation
■ 24V & 48V input
■ 5V, 9V, 12V and 15V output
■ Internal SMD construction
■ Fully encapsulated with toroidal magnetics
■ No external components required




Similar Part No. - NMA2409SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMA2409S CANDD-NMA2409S Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
More results


Similar Description - NMA2409SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NMA5V ETC-NMA5V Datasheet
171Kb / 2P
   ISOLATED 1W DUAL OUTPUT DC-DC CONVERTERS
logo
Murata Manufacturing Co...
NMA0505DC MURATA-NMA0505DC Datasheet
219Kb / 6P
   Isolated 1W Dual Output DC/DC Converters
logo
C&D Technologies
NMA-1 CANDD-NMA-1 Datasheet
171Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
NMA CANDD-NMA Datasheet
168Kb / 2P
   Isolated 1W Dual Output DC-DC Converters
logo
Microdc power Technolog...
A-XD MICRODC-A-XD Datasheet
579Kb / 5P
   Isolated 1W Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
logo
Microdc power Technolog...
E-XSD MICRODC-E-XSD Datasheet
657Kb / 4P
   Isolated 1W Dual Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPNA TOPPOWER-TPNA Datasheet
673Kb / 4P
   1W 3KVDC Isolated Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
MEA1D2415DC MURATA-MEA1D2415DC Datasheet
239Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
MEA1D0505SC MURATA-MEA1D0505SC Datasheet
254Kb / 8P
   1kVDC Isolated 1W Dual Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com