Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM27C512V90 Datasheet (PDF) - Fairchild Semiconductor

FM27C512V90 Datasheet PDF - Fairchild Semiconductor
Part # FM27C512V90
Download  FM27C512V90 Download

File Size   100.89 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 524,288-Bit (64K x 8) High Performance CMOS EPROM

FM27C512V90 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM27C512V90 Datasheet PDF - Fairchild Semiconductor

Part # FM27C512V90
Download  FM27C512V90 Click to download

File Size   100.89 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 524,288-Bit (64K x 8) High Performance CMOS EPROM

FM27C512V90 Datasheet (HTML) - Fairchild Semiconductor

FM27C512V90 Datasheet HTML 1Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 9Page - Fairchild Semiconductor FM27C512V90 Datasheet HTML 10Page - Fairchild Semiconductor

FM27C512V90 Product details

General Description
The FM27C512 is a high performance 512K UV Erasable Electrically Programmable Read Only Memory (EPROM). It is manufactured using Fairchild’s proprietary CMOS AMG™ EPROM technology for an excellent combination of speed and economy while providing excellent reliability.
The FM27C512 provides microprocessor-based systems storage capacity for portions of operating system and application software. Its 90 ns access time provides no wait-state operation with high-performance CPUs. The FM27C512 offers a single chip solution for the code storage requirements of 100% firmware-based equipment. Frequently-used software routines are quickly executed from EPROM storage, greatly enhancing system utility.
The FM27C512 is configured in the standard JEDEC EPROM pinout which provides an easy upgrade path for systems which are currently using standard EPROMs.
The FM27C512 is one member of a high density EPROM Family which range in densities up to 4 Megabit.

Features
■ High performance CMOS
   — 90 ns access time
■ Fast turn-off for microprocessor compatibility
■ Manufacturers identification code
■ JEDEC standard pin configuration
   — 28-pin PDIP package
   — 32-pin chip carrier
   — 28-pin CERDIP package




Similar Part No. - FM27C512V90

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM27C512V90 FAIRCHILD-FM27C512V90 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results


Similar Description - FM27C512V90

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com