Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS3810KRC Datasheet (PDF) - Fairchild Semiconductor

FMS3810KRC Datasheet PDF - Fairchild Semiconductor
Part # FMS3810KRC
Download  FMS3810KRC Download

File Size   168.83 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video D/A Converters 3 x 8 bit, 150 Ms/s

FMS3810KRC Datasheet (PDF)

Go To PDF Page Download Datasheet
FMS3810KRC Datasheet PDF - Fairchild Semiconductor

Part # FMS3810KRC
Download  FMS3810KRC Click to download

File Size   168.83 Kbytes
Page   11 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Triple Video D/A Converters 3 x 8 bit, 150 Ms/s

FMS3810KRC Datasheet (HTML) - Fairchild Semiconductor

Back Button FMS3810KRC Datasheet HTML 1Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 2Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 3Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 4Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 5Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 6Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 7Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 8Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 9Page - Fairchild Semiconductor FMS3810KRC Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FMS3810KRC Product details

Description
FMS3810/3815 products are low-cost triple D/A converters that are tailored to fit graphics and video applications where speed is critical. Two speed grades are available:
   FMS3810 100 Ms/s
   FMS3815 150 Ms/s
  
TTL-level inputs are converted to analog current outputs that can drive 25–37.5Ω loads corresponding to doubly-terminated 50–75Ω loads. A sync current following SYNC input timing is added to the IOG output. BLANK will override RGB inputs, setting IOG, IOB and IOR currents to zero when BLANK = L. Although appropriate for many applications the internal 1.235V reference voltage can be overridden by the VREF input.
Few external components are required, just the current reference resistor, current output load resistors, and decoupling capacitors.
Package is a 48-lead LQFP. Fabrication technology is CMOS. Performance is guaranteed from 0 to 70°C.

Features
• 8-bit resolution
• 150 megapixels per second
   – 0.2% linearity error
• Sync and blank controls
• 1.0V p-p video into 37.5Ω or 75Ω load
• Internal bandgap voltage reference
• Double-buffered data for low distortion
• TTL-compatible inputs
• Low glitch energy
• Single +5 Volt power supply

Applications
• Video signal conversion
   – RGB
   – YCBCR
   – Composite, Y, C
• Multimedia systems
• Image processing
• True-color graphics systems




Similar Part No. - FMS3810KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3810 FAIRCHILD-FMS3810 Datasheet
66Kb / 4P
   PCB Layout Considerations for Video Filter / Drivers
More results


Similar Description - FMS3810KRC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS3110 FAIRCHILD-FMS3110_04 Datasheet
478Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3110 FAIRCHILD-FMS3110 Datasheet
170Kb / 11P
   Triple Video D/A Converters 3 x 10 bit, 150 Ms/s
FMS3818 FAIRCHILD-FMS3818_04 Datasheet
484Kb / 13P
   Triple Video D/A Converters 3 x 8 bit, 180 Ms/s
FMS3818 FAIRCHILD-FMS3818 Datasheet
178Kb / 13P
   Triple Video D/A Converter 3 x 8 bit, 180 Ms/s
FMS9884A FAIRCHILD-FMS9884A Datasheet
238Kb / 29P
   3x8-Bit, 108/140/175 Ms/s Triple Video A/D Converter with Clamps
logo
Cadeka Microcircuits LL...
TMC1203 CADEKA-TMC1203 Datasheet
193Kb / 16P
   Triple Video A/D Converter 8-Bit, 50Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
[Old version datasheet]   TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
logo
Sanyo Semicon Device
LC89066 SANYO-LC89066 Datasheet
51Kb / 4P
   6-Bit Video A/D Converters
LC89060 SANYO-LC89060 Datasheet
94Kb / 5P
   6-Bit Video D/A Converters
logo
Fairchild Semiconductor
TMC1103X50 FAIRCHILD-TMC1103X50 Datasheet
87Kb / 16P
   Triple Video A/D Converter with Clamps 8-Bit, 50Msps
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com