Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDXD4815C Datasheet (PDF) - Murata Manufacturing Co., Ltd.

NDXD4815C Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # NDXD4815C
Download  NDXD4815C Download

File Size   257.97 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters

NDXD4815C Datasheet (PDF)

Go To PDF Page Download Datasheet
NDXD4815C Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # NDXD4815C
Download  NDXD4815C Click to download

File Size   257.97 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters

NDXD4815C Datasheet (HTML) - Murata Manufacturing Co., Ltd.

NDXD4815C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDXD4815C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDXD4815C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDXD4815C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDXD4815C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDXD4815C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.



Similar Part No. - NDXD4815C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDX30AN-20P ETC-NDX30AN-20P Datasheet
6Mb / 18P
   DXM (1.27MM PITCH&ISERIES HIGH-DENSITY 1/0 CONNECTOR
04/2009
More results


Similar Description - NDXD4815C

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
   Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDS6S2405C MURATA-NDS6S2405C Datasheet
235Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NDS6 MURATA-PS-NDS6 Datasheet
146Kb / 6P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
NCM6 MURATA-PS-NCM6 Datasheet
536Kb / 19P
   Isolated 6W Wide Input Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NDTD MURATA-KDC_NDTD Datasheet
165Kb / 7P
   Isolated 3W Wide Input Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
Toppower Electronic Tec...
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com