Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCA100T Datasheet (PDF) - Murata Manufacturing Co., Ltd.

SCA100T Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # SCA100T
Download  SCA100T Download

File Size   512.53 Kbytes
Page   17 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply

SCA100T Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA100T Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # SCA100T
Download  SCA100T Click to download

File Size   512.53 Kbytes
Page   17 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description THE SCA100T DUAL AXIS INCLINOMETER SERIES Single 5 V supply

SCA100T Datasheet (HTML) - Murata Manufacturing Co., Ltd.

Back Button SCA100T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA100T Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button 

SCA100T Product details

The SCA100T Series is a 3D-MEMS-based dual axis inclinometer family that provides instrumentation grade performance for leveling applications. The measuring axes of the sensing elements are parallel to the mounting plane and orthogonal to each other. Low temperature dependency, high resolution and low noise, together a with robust sensing element design, make the SCA100T the ideal choice for leveling instruments. The Murata inclinometers are unsensitive to vibration, due to their over damped sensing elements, and can withstand mechanical shocks of up to 20000 g.



Features

• Dual axis inclination measurement (X and Y)

• Measuring ranges ±30° SCA100T-D01 and ± 90° SCA100T-D02

• 0.0035° resolution (10 Hz BW, analog output)

• Sensing element controlled over damped frequency response (-3dB 18Hz)

• Robust design, high shock durability (20000g)

• High stability over temperature and time

• Single +5 V supply

• Ratiometric analog voltage outputs

• Digital SPI inclination and temperature output

• Comprehensive failure detection features

   o True self test by deflecting the sensing elements’ proof mass by electrostatic force.

   o Continuous sensing element interconnection failure check.

   o Continuous memory parity check.

• RoHS compliant

• Compatible with Pb-free reflow solder process



Applications

• Platform leveling and stabilization

• 360° vertical orientation measurement

• Leveling instruments

• Construction levels



 




Similar Part No. - SCA100T

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA100T VTI-SCA100T Datasheet
224Kb / 2P
   Inclinometer
logo
Murata Manufacturing Co...
SCA100T-D01 MURATA-SCA100T-D01 Datasheet
168Kb / 2P
   Maximum Range 짹0.5g
SCA100T-D02 MURATA-SCA100T-D02 Datasheet
168Kb / 2P
   Maximum Range
SCA100T-D07 MURATA-SCA100T-D07 Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA100T-D07 MURATA1-SCA100T-D07 Datasheet
150Kb / 2P
   nullAccelerometers
02/15/2024
More results


Similar Description - SCA100T

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
DOG2-J1939 TEC-DOG2-J1939 Datasheet
462Kb / 4P
   Dual axis inclinometer
DOG2 TEC-DOG2 Datasheet
231Kb / 4P
   Dual axis inclinometer
DOG2-MEMS TEC-DOG2-MEMS Datasheet
286Kb / 4P
   Dual axis inclinometer
DPG TEC-DPG Datasheet
252Kb / 4P
   Dual axis inclinometer
logo
Analog Devices
ADIS16201 AD-ADIS16201 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_15 Datasheet
552Kb / 32P
   Programmable Dual-Axis Inclinometer/Accelerometer
REV. C
ADIS16201 AD-ADIS16201_V01 Datasheet
103Kb / 4P
   Programmable Dual-Axis Inclinometer/Accelerometer
Rev. A
logo
Murata Manufacturing Co...
SCL3400-D01 MURATA-SCL3400-D01 Datasheet
1Mb / 42P
   Digital 2-axis inclinometer
Rev. 4
logo
VTI technologies
SCA61T VTI-SCA61T Datasheet
308Kb / 18P
   THE SCA61T INCLINOMETER SERIES
logo
Analog Devices
ADIS16209 AD-ADIS16209_08 Datasheet
450Kb / 16P
   High-Accuracy, Dual-Axis Digital Inclinometer and Accelerometer
REV. 0
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com