Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1501-XXK5L-U Datasheet (PDF) - Diodes Incorporated

AP1501-XXK5L-U Datasheet PDF - Diodes Incorporated
Part # AP1501-XXK5L-U
Download  AP1501-XXK5L-U Download

File Size   190.31 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHz, 3A PWM BUCK DC/DC CONVERTER

AP1501-XXK5L-U Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1501-XXK5L-U Datasheet PDF - Diodes Incorporated

Part # AP1501-XXK5L-U
Download  AP1501-XXK5L-U Click to download

File Size   190.31 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150KHz, 3A PWM BUCK DC/DC CONVERTER

AP1501-XXK5L-U Datasheet (HTML) - Diodes Incorporated

Back Button AP1501-XXK5L-U Datasheet HTML 1Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 2Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 3Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 4Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 5Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 6Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 7Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 8Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 9Page - Diodes Incorporated AP1501-XXK5L-U Datasheet HTML 10Page - Diodes Incorporated Next Button 

AP1501-XXK5L-U Product details

General Description

The AP1501 is a fully integrated step-down DC/DC converter, with the ability to drive 3A load without the need of additional driver components. The AP1501 operates at a switching frequency of 150KHZ enabling the use of small size filter components. As a result, board space is reduced and BOM costs are lowered.



Features

• Output voltage: 3.3V, 5V, 12V and adjustable output version

• Adjustable version output voltage range, 1.23V to 37V+4%

• 150KHZ +15% fixed switching frequency

• Voltage mode non-synchronous PWM control

• Thermal-shutdown and current-limit protection

• ON/OFF shutdown control input

• Operating voltage can be up to 40V

• Output load current: 3A

• Low power standby mode

• Built-in switching transistor on chip

• Lead Free packages: TO263-5L and TO220-5L(R)

• TO263-5L and TO220-5L(R): Available in “Green” Molding Compound (No Br, Sb)

• Lead Free Finish/RoHS Compliant (Note 1)



Applications

• Simple High-efficiency step-down regulator

• On-card switching regulators

• Positive to negative converter

 




Similar Part No. - AP1501-XXK5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1501-XXK5L-U DIODES-AP1501-XXK5L-U Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501-XXK5L-U DIODES-AP1501-XXK5L-U Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
More results


Similar Description - AP1501-XXK5L-U

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com