Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP22P10 Datasheet (PDF) - Fairchild Semiconductor

FQP22P10 Datasheet PDF - Fairchild Semiconductor
Part # FQP22P10
Download  FQP22P10 Download

File Size   628.54 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V P-Channel MOSFET

FQP22P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP22P10 Datasheet PDF - Fairchild Semiconductor

Part # FQP22P10
Download  FQP22P10 Click to download

File Size   628.54 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V P-Channel MOSFET

FQP22P10 Datasheet (HTML) - Fairchild Semiconductor

FQP22P10 Datasheet HTML 1Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 2Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 3Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 4Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 5Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 6Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 7Page - Fairchild Semiconductor FQP22P10 Datasheet HTML 8Page - Fairchild Semiconductor

FQP22P10 Product details

General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for low voltage applications such as audio amplifier, high efficiency switching DC/DC converters, and DC motor control.

Features
• -22A, -100V, RDS(on) = 0.125Ω @VGS = -10 V
• Low gate charge ( typical 40 nC)
• Low Crss ( typical 160 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• 175°C maximum junction temperature rating




Similar Part No. - FQP22P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP22N30 FAIRCHILD-FQP22N30 Datasheet
757Kb / 8P
   300V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP22N30 ISC-FQP22N30 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP22P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com