Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQP3N25 Datasheet (PDF) - Fairchild Semiconductor

FQP3N25 Datasheet PDF - Fairchild Semiconductor
Part # FQP3N25
Download  FQP3N25 Download

File Size   612.32 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

FQP3N25 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP3N25 Datasheet PDF - Fairchild Semiconductor

Part # FQP3N25
Download  FQP3N25 Click to download

File Size   612.32 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 250V N-Channel MOSFET

FQP3N25 Datasheet (HTML) - Fairchild Semiconductor

FQP3N25 Datasheet HTML 1Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 2Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 3Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 4Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 5Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 6Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 7Page - Fairchild Semiconductor FQP3N25 Datasheet HTML 8Page - Fairchild Semiconductor

FQP3N25 Product details

General Description
These N-Channel enhancement mode power field effect transistors are product using Fairchilds proprietary, planar stripe, DMOS technology.
This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supply.

Features
• 2.8A, 250V, RDS(on) = 2.2Ω @VGS = 10 V
• Low gate charge (typical 4.0 nC)
• Low Crss ( typical 4.7 pF )
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQP3N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP3N30 ISC-FQP3N30 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQP3N50C FAIRCHILD-FQP3N50C Datasheet
1Mb / 10P
   500V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP3N50C ISC-FQP3N50C Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQP3N25

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com