Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5.0SMDJ43CA Datasheet (PDF) - Littelfuse

5.0SMDJ43CA Datasheet PDF - Littelfuse
Part # 5.0SMDJ43CA
Download  5.0SMDJ43CA Download

File Size   1364.69 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

5.0SMDJ43CA Datasheet (PDF)

Go To PDF Page Download Datasheet
5.0SMDJ43CA Datasheet PDF - Littelfuse

Part # 5.0SMDJ43CA
Download  5.0SMDJ43CA Click to download

File Size   1364.69 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Transient Voltage Suppression Diodes

5.0SMDJ43CA Datasheet (HTML) - Littelfuse

5.0SMDJ43CA Datasheet HTML 1Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 2Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 3Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 4Page - Littelfuse 5.0SMDJ43CA Datasheet HTML 5Page - Littelfuse

5.0SMDJ43CA Product details

Description
The 5.0SMDJ series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
• Halogen-Free
• RoHS compliant
• For surface mounted applications to optimize board space
• Low profle package
• Built-in strain relief
• Typical maximum temperature coeffcient ΔVBR = 0.1% x VBR@25°C x ΔT
• Glass passivated chip junction
• 5000W peak pulse power capability at 10×1000μs waveform, repetition rate (duty cycles):0.01%
• Fast response time: typically less than 1.0ps from 0V to BV min
• Excellent clamping capability
• Low incremental surge resistance
• Typical IR less than 5µA above 22V
• High Temperature soldering guaranteed: 260°C/40 seconds at terminals
• Plastic package has Underwriters Laboratory Flammability 94V-O
• Matte Tin Lead–free Plated

Applications
    TVS devices are ideal for the protection of I/O Interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.




Similar Part No. - 5.0SMDJ43CA

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
5.0SMDJ43CA MDE-5.0SMDJ43CA Datasheet
110Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
5.0SMDJ43CA CHENDA-5.0SMDJ43CA Datasheet
2Mb / 3P
   5.0-170 Volts Peak pulse power: 5000 Watts
logo
Bourns Electronic Solut...
5.0SMDJ43CA BOURNS-5.0SMDJ43CA Datasheet
202Kb / 6P
   5.0SMDJ Transient Voltage Suppressor Diode Series
REV. 03/20
logo
Littelfuse
5.0SMDJ43CA LITTELFUSE-5.0SMDJ43CA Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
5.0SMDJ43CA YANGJIE-5.0SMDJ43CA Datasheet
202Kb / 5P
   Transient Voltage Suppressor Diodes
More results


Similar Description - 5.0SMDJ43CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
15KPA150CA LITTELFUSE-15KPA150CA Datasheet
653Kb / 6P
   Transient Voltage Suppression Diodes
5.0SMDJ60CA LITTELFUSE-5.0SMDJ60CA Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
P4KE LITTELFUSE-P4KE Datasheet
145Kb / 5P
   Transient Voltage Suppression Diodes
SACB LITTELFUSE-SACB Datasheet
181Kb / 4P
   Transient Voltage Suppression Diodes
P4SMA LITTELFUSE-P4SMA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
30KPA42A LITTELFUSE-30KPA42A Datasheet
1Mb / 6P
   Transient Voltage Suppression Diodes
TP1.5KE LITTELFUSE-TP1.5KE Datasheet
1Mb / 5P
   Transient Voltage Suppression Diodes
logo
Shanghai Yint Electroni...
SM5S YINT-SM5S Datasheet
385Kb / 3P
   Transient Voltage Suppression Diodes
logo
Littelfuse
AK10 LITTELFUSE-AK10_09 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
SA5.0A LITTELFUSE-SA5.0A_09 Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
SMBJ5.0A LITTELFUSE-SMBJ5.0A_09 Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com