Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQPF12N20 Datasheet (PDF) - Fairchild Semiconductor

FQPF12N20 Datasheet PDF - Fairchild Semiconductor
Part # FQPF12N20
Download  FQPF12N20 Download

File Size   685.16 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQPF12N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF12N20 Datasheet PDF - Fairchild Semiconductor

Part # FQPF12N20
Download  FQPF12N20 Click to download

File Size   685.16 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQPF12N20 Datasheet (HTML) - Fairchild Semiconductor

FQPF12N20 Datasheet HTML 1Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 2Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 3Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 4Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 5Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 6Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 7Page - Fairchild Semiconductor FQPF12N20 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF12N20 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supply, motor control.

Features
• 8.2A, 200V, RDS(on) = 0.28Ω @VGS = 10 V
• Low gate charge ( typical 18 nC)
• Low Crss ( typical 18 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF12N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQPF12N20 ISC-FQPF12N20 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQPF12N20L FAIRCHILD-FQPF12N20L Datasheet
600Kb / 8P
   200V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF12N20L ISC-FQPF12N20L Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQPF12N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com