Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQA13N80-F109 Datasheet (PDF) - Fairchild Semiconductor

FQA13N80-F109 Datasheet PDF - Fairchild Semiconductor
Part # FQA13N80-F109
Download  FQA13N80-F109 Download

File Size   1151.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A

FQA13N80-F109 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQA13N80-F109 Datasheet PDF - Fairchild Semiconductor

Part # FQA13N80-F109
Download  FQA13N80-F109 Click to download

File Size   1151.05 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 12.6 A, 800 V, RDS(on) = 750 m廓 (Max.) @ VGS = 10 VID = 6.8 A

FQA13N80-F109 Datasheet (HTML) - Fairchild Semiconductor

FQA13N80-F109 Datasheet HTML 1Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 2Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 3Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 4Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 5Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 6Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 7Page - Fairchild Semiconductor FQA13N80-F109 Datasheet HTML 8Page - Fairchild Semiconductor

FQA13N80-F109 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor®’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, active power factor correction (PFC), and electronic lamp ballasts.

Features
• 12.6 A, 800 V, RDS(on) = 750 mΩ (Max.) @ VGS = 10 V ID = 6.8 A
• Low Gate Charge (Typ. 68 nC)
• Low Crss (Typ. 30 pF)
• 100% Avalanche Tested




Similar Part No. - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
833Kb / 8P
   800V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA13N80 ISC-FQA13N80 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA13N80 FAIRCHILD-FQA13N80_06 Datasheet
830Kb / 9P
   800V N-Channel MOSFET
More results


Similar Description - FQA13N80-F109

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMS86252 FAIRCHILD-FDMS86252 Datasheet
268Kb / 7P
   Max rDS(on) = 51 m廓 at VGS = 10 V, ID = 4.6 A
FDS89161LZ FAIRCHILD-FDS89161LZ Datasheet
251Kb / 7P
   Max rDS(on) = 105 m廓 at VGS = 10 V, ID = 2.7 A
FDMA1430JP FAIRCHILD-FDMA1430JP Datasheet
222Kb / 8P
   Max rDS(on) = 90 m廓 at VGS = -4.5 V, ID = -2.9 A
BSS84-NL FAIRCHILD-BSS84-NL Datasheet
144Kb / 5P
   ??.13A, ??0V. RDS(ON) = 10廓 @ VGS = ?? V
FQB34P10TM-F085 FAIRCHILD-FQB34P10TM-F085 Datasheet
1Mb / 8P
   -33.5A, -100V, RDS(on) = 0.06廓 @VGS = -10 V
FDPF16N50UT FAIRCHILD-FDPF16N50UT Datasheet
826Kb / 9P
   R DS(on) = 370 m廓 ( Typ.) @ VGS = 10 V, ID = 7.5 A
logo
International Rectifier
IRF7476PBF IRF-IRF7476PBF Datasheet
162Kb / 8P
   HEXFET Power MOSFET ( VDSS = 12V , RDS(on) max = 8.0m廓@VGS = 4.5V , ID = 15A )
IRF7831PBF IRF-IRF7831PBF Datasheet
264Kb / 10P
   HEXFET Power MOSFET ( VDSS = 30V , RDS(on)max = 3.6m廓@VGS = 10V , Qg(typ.) = 40nC )
logo
Texas Instruments
TPS22990 TI1-TPS22990 Datasheet
4Mb / 34P
[Old version datasheet]   5.5-V, 10-A, 3.9-m廓 On-Resistance Load Switch
logo
Fairchild Semiconductor
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com