Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRM3210CC Datasheet (PDF) - Fairchild Semiconductor

FRM3210CC Datasheet PDF - Fairchild Semiconductor
Part # FRM3210CC
Download  FRM3210CC Download

File Size   113.57 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V

FRM3210CC Datasheet (PDF)

Go To PDF Page Download Datasheet
FRM3210CC Datasheet PDF - Fairchild Semiconductor

Part # FRM3210CC
Download  FRM3210CC Click to download

File Size   113.57 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V

FRM3210CC Datasheet (HTML) - Fairchild Semiconductor

FRM3210CC Datasheet HTML 1Page - Fairchild Semiconductor FRM3210CC Datasheet HTML 2Page - Fairchild Semiconductor FRM3210CC Datasheet HTML 3Page - Fairchild Semiconductor FRM3210CC Datasheet HTML 4Page - Fairchild Semiconductor



Similar Part No. - FRM3210CC

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FRM3Z121KT EUDYNA-FRM3Z121KT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z121LT EUDYNA-FRM3Z121LT Datasheet
121Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231KT EUDYNA-FRM3Z231KT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z231LT EUDYNA-FRM3Z231LT Datasheet
330Kb / 5P
   InGaAs-PIN/Preamp Receiver
FRM3Z232BS EUDYNA-FRM3Z232BS Datasheet
609Kb / 4P
   InGaAs-PIN/Preamp Preamp
More results


Similar Description - FRM3210CC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP800 FAIRCHILD-FRP800 Datasheet
108Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
logo
Mospec Semiconductor
U16C05 MOSPEC-U16C05 Datasheet
138Kb / 2P
   FAST RECTIFIERS(16A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
   FAST RECTIFIERS(10A,50-200V)
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIERS(6.0A,50-200V)
logo
Taiwan Semiconductor Co...
UG1004G TSC-UG1004G Datasheet
209Kb / 4P
   10A, 200V - 600V Ultra Fast Rectifiers
UG54G TSC-UG54G Datasheet
390Kb / 4P
   5A, 200V - 600V Ultra Fast Rectifiers
UF1DLW TSC-UF1DLW Datasheet
427Kb / 7P
   1A, 200V - 600V Surface Mount Ultra Fast Rectifiers
logo
Gulf Semiconductor
FERP30D GULFSEMI-FERP30D Datasheet
93Kb / 2P
   Ultra fast Plastic Rectifiers VOLTAGE: 200V CURRENT:30.0A
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com