Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRP810 Datasheet (PDF) - Fairchild Semiconductor

FRP810 Datasheet PDF - Fairchild Semiconductor
Part # FRP810
Download  FRP810 Download

File Size   108.84 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V

FRP810 Datasheet (PDF)

Go To PDF Page Download Datasheet
FRP810 Datasheet PDF - Fairchild Semiconductor

Part # FRP810
Download  FRP810 Click to download

File Size   108.84 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Ultra-fast POWERplanar??Rectifiers 8 A, 50-200 V

FRP810 Datasheet (HTML) - Fairchild Semiconductor

FRP810 Datasheet HTML 1Page - Fairchild Semiconductor FRP810 Datasheet HTML 2Page - Fairchild Semiconductor FRP810 Datasheet HTML 3Page - Fairchild Semiconductor FRP810 Datasheet HTML 4Page - Fairchild Semiconductor



Similar Part No. - FRP810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1000 FAIRCHILD-FRP1000 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1005 FAIRCHILD-FRP1005 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1010 FAIRCHILD-FRP1010 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1015 FAIRCHILD-FRP1015 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
FRP1020 FAIRCHILD-FRP1020 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
More results


Similar Description - FRP810

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FRP1600CC FAIRCHILD-FRP1600CC Datasheet
110Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 16 A, 50-200 V
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
FRP1600 FAIRCHILD-FRP1600 Datasheet
109Kb / 4P
   Ultra-fast POWER planar??Rectifiers 16 A, 50-200 V
FRP1000 FAIRCHILD-FRP1000 Datasheet
118Kb / 4P
   Ultra-fast POWER planar??Rectifiers 10-20 A, 50-200 V
logo
Microsemi Corporation
UES1401 MICROSEMI-UES1401_04 Datasheet
138Kb / 2P
   8 amp ultra fast rectifiers
logo
Solid States Devices, I...
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
logo
ON Semiconductor
MURS105 ONSEMI-MURS105 Datasheet
195Kb / 6P
   Power Rectifier, Ultra-Fast Recovery, 1 A, 50-600 V
August, 2023 - Rev. 18
logo
Gulf Semiconductor
UGSP06D GULFSEMI-UGSP06D Datasheet
81Kb / 2P
   Ultra fast Plastic Power Rectifiers VOLTAGE: 200 CURRENT: 6.0A
logo
Nexperia B.V. All right...
PNE20080EPE-Q NEXPERIA-PNE20080EPE-Q Datasheet
264Kb / 12P
   200 V, 8 A hyperfast recovery rectifier
16 June 2022
PNE20080EPE NEXPERIA-PNE20080EPE Datasheet
263Kb / 12P
   200 V, 8 A hyperfast recovery rectifier
16 June 2022
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com