Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXX06L5 Datasheet (PDF) - Littelfuse

LXX06L5 Datasheet PDF - Littelfuse
Part # LXX06L5
Download  LXX06L5 Download

File Size   1120.49 Kbytes
Page   14 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 6 Amp bi-directional solid state switch series is designed for AC switching

LXX06L5 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXX06L5 Datasheet PDF - Littelfuse

Part # LXX06L5
Download  LXX06L5 Click to download

File Size   1120.49 Kbytes
Page   14 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 6 Amp bi-directional solid state switch series is designed for AC switching

LXX06L5 Datasheet (HTML) - Littelfuse

Back Button LXX06L5 Datasheet HTML 1Page - Littelfuse LXX06L5 Datasheet HTML 2Page - Littelfuse LXX06L5 Datasheet HTML 3Page - Littelfuse LXX06L5 Datasheet HTML 4Page - Littelfuse LXX06L5 Datasheet HTML 5Page - Littelfuse LXX06L5 Datasheet HTML 6Page - Littelfuse LXX06L5 Datasheet HTML 7Page - Littelfuse LXX06L5 Datasheet HTML 8Page - Littelfuse LXX06L5 Datasheet HTML 9Page - Littelfuse LXX06L5 Datasheet HTML 10Page - Littelfuse Next Button 

LXX06L5 Product details

Description
6 Amp bi-directional solid state switch series is designed for AC switching and phase control applications such as motor speed and temperature modulation controls, lighting controls, and static switching relays.

Features & Benefits
• RoHS compliant
• Glass – passivated junctions
• Voltage capability up to 1000 V
• Surge capability up to 85 A
• Electrically isolated “L - Package” is UL recognized for 2500Vrms
• Solid-state switching eliminates arcing or contact bounce that create voltage transients
• No contacts to wear out from reaction of switching events
• Restricted (or limited) RFI generation, depending on activation point of sine wave
• Requires only a small gate activation pulse in each half-cycle

Applications
   Excellent for AC switching and phase control applications such as heating, lighting, and motor speed controls.
   Typical applications are AC solid-state switches, light dimmers, power tools, home/brown goods and white goods appliances.
   Alternistor Triacs (no snubber required) are used in applications with extremely inductive loads requiring highest commutation performance.
   Internally constructed isolated packages are offered for ease of heat sinking with highest isolation voltage.




Similar Part No. - LXX06L5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX06XX LITTELFUSE-LXX06XX Datasheet
759Kb / 14P
   RoHS compliant
More results


Similar Description - LXX06L5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
Q6004L4 LITTELFUSE-Q6004L4 Datasheet
905Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com