Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXX04V6 Datasheet (PDF) - Littelfuse

LXX04V6 Datasheet PDF - Littelfuse
Part # LXX04V6
Download  LXX04V6 Download

File Size   905.25 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 4 Amp bi-directional solid state switch series is designed for AC switching

LXX04V6 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXX04V6 Datasheet PDF - Littelfuse

Part # LXX04V6
Download  LXX04V6 Click to download

File Size   905.25 Kbytes
Page   10 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description 4 Amp bi-directional solid state switch series is designed for AC switching

LXX04V6 Datasheet (HTML) - Littelfuse

LXX04V6 Datasheet HTML 1Page - Littelfuse LXX04V6 Datasheet HTML 2Page - Littelfuse LXX04V6 Datasheet HTML 3Page - Littelfuse LXX04V6 Datasheet HTML 4Page - Littelfuse LXX04V6 Datasheet HTML 5Page - Littelfuse LXX04V6 Datasheet HTML 6Page - Littelfuse LXX04V6 Datasheet HTML 7Page - Littelfuse LXX04V6 Datasheet HTML 8Page - Littelfuse LXX04V6 Datasheet HTML 9Page - Littelfuse LXX04V6 Datasheet HTML 10Page - Littelfuse

LXX04V6 Product details

General Description
These gated triacs from Teccor Electronics are part of a broad line of bidirectional semiconductors. The devices range in current ratings from 0.8 A to 35 A and in voltages from 200 V to 1000 V.

Features
• RoHS Compliant
• Electrically-isolated packages
• Glass-passivated junctions
• Voltage capability — up to 1000 V
• Surge capability — up to 200 A

Compak Package
• Surface mount package — 0.8 A and 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500
   devices per reel
• Can replace SOT-223




Similar Part No. - LXX04V6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04V6 LITTELFUSE-LXX04V6 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
Lxx04V6 LITTELFUSE-Lxx04V6 Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
More results


Similar Description - LXX04V6

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LXX04L3 LITTELFUSE-LXX04L3 Datasheet
403Kb / 10P
   4 Amp bi-directional solid state switch series is designed for AC switching
LXX8E3 LITTELFUSE-LXX8E3 Datasheet
385Kb / 10P
   0.8 Amp bi-directional solid state switch series is designed for AC switching
QXX12LH2 LITTELFUSE-QXX12LH2 Datasheet
923Kb / 8P
   12 Amp bi-directional solid state switch series is designed for AC switching
Q6006LH456 LITTELFUSE-Q6006LH456 Datasheet
1Mb / 14P
   6 Amp bi-directional solid state switch series is designed for AC switching
QXX25R5 LITTELFUSE-QXX25R5 Datasheet
278Kb / 11P
   25 Amp bi-directional solid state switch series is designed for AC switching
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
   10 Amp bi-directional solid state switch series is designed for AC switching
QXX40KH6 LITTELFUSE-QXX40KH6 Datasheet
216Kb / 7P
   40 Amp bi-directional solid state switch series is designed for AC switching
QXX35P5 LITTELFUSE-QXX35P5 Datasheet
925Kb / 9P
   30 Amp / 35 Amp bi-directional solid state switch series is designed for AC switching
LX08L6 LITTELFUSE-LX08L6 Datasheet
435Kb / 14P
   8 Amp bi-directional solid state switch series is designed for AC switching and phase
Q6016LH456 LITTELFUSE-Q6016LH456 Datasheet
974Kb / 9P
   15 Amp and 16 Amp bi-directional solid state switch series is designed for AC
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com